Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4559 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 52Page - Renesas Technology Corp 4559 Datasheet HTML 53Page - Renesas Technology Corp 4559 Datasheet HTML 54Page - Renesas Technology Corp 4559 Datasheet HTML 55Page - Renesas Technology Corp 4559 Datasheet HTML 56Page - Renesas Technology Corp 4559 Datasheet HTML 57Page - Renesas Technology Corp 4559 Datasheet HTML 58Page - Renesas Technology Corp 4559 Datasheet HTML 59Page - Renesas Technology Corp 4559 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 56 of 146
REJ03B0188-0104
4559 Group
(6) Return signal
An external wakeup signal or timer 3 interrupt request flag (T3F)
is used to return from the clock operating mode.
An external wakeup signal is used to return from the RAM back-
up mode because the oscillation is stopped.
Table 24 shows the return condition for each return source.
(7) Control registers
• Key-on wakeup control register K0
Register K0 controls the ports P0 and P1 key-on wakeup
function. Set the contents of this register through register A
with the TK0A instruction. In addition, the TAK0 instruction
can be used to transfer the contents of register K0 to register A.
• Key-on wakeup control register K1
Register K1 controls the return condition and the selection of
valid waveform/level of port P1. Set the contents of this
register through register A with the TK1A instruction. In
addition, the TAK1 instruction can be used to transfer the
contents of register K0 to register A.
• Key-on wakeup control register K2
Register K2 controls the port P3 and INT pin key-on wakeup
function and the selection of return condition of INT pin. Set
the contents of this register through register A with the TK2A
instruction. In addition, the TAK2 instruction can be used to
transfer the contents of register K2 to register A.
• Key-on wakeup control register K3
Register K3 controls the selection of return condition and valid
waveform/level of port P3. Set the contents of this register
through register A with the TK3A instruction. In addition, the
TAK3 instruction can be used to transfer the contents of
register K3 to register A.
• Pull-up control register PU0
Register PU0 controls the ON/OFF of the port P0 pull-up
transistor. Set the contents of this register through register A
with the TPU0A instruction. In addition, the TAPU0
instruction can be used to transfer the contents of register PU0
to register A.
• Pull-up control register PU1
Register PU1 controls the ON/OFF of the port P1 pull-up
transistor. Set the contents of this register through register A
with the TPU1A instruction. In addition, the TAPU1
instruction can be used to transfer the contents of register PU1
to register A.
• Pull-up control register PU2
Register PU2 controls the ON/OFF of the ports P2 pull-up
transistor. Set the contents of this register through register A
with the TPU2A instruction. In addition, the TAPU2
instruction can be used to transfer the contents of register PU2
to register A.
• Pull-up control register PU3
Register PU3 controls the ON/OFF of the ports P3 pull-up
transistor. Set the contents of this register through register A
with the TPU3A instruction. In addition, the TAPU3
instruction can be used to transfer the contents of register PU3
to register A.
• External interrupt control register I1
Register I1 controls the input control and the selection of valid
waveform/level of INT pin. Set the contents of this register
through register A with the TI1A instruction. In addition, the
TAI1 instruction can be used to transfer the contents of register
I1 to register A.
Table 24 Return source and return condition
Return source
Return condition
Remarks
Ports P00
−P03
Ports P10
−P13
Ports P20
−P23
Return by an external falling edge (“H”
→ “L”).
For ports P0 and P1, the key-on wakeup function
can be selected by two port unit, for port P2, it
can be selected by a unit.
Ports P30
−P33
Return by an external “H” level or “L” level
input, or rising edge (“L”
→ “H”) or falling edge
(“H”
→ “L”).
Return by an external “L” level input,
The key-on wakeup function can be selected by
two port unit. Select the return level (“L” level or
“H” level) and return condition (return by level or
edge) with register K3 according to the external
state before going into the power down state.
INT pin
Return by an external “H” level or “L” level
input, or rising edge (“L”
→ “H”) or falling edge
(“H”
→ “L”).
When the return level is input, the interrupt
request flag (EXF0) is not set.
Select the return level (“L” level or “H” level) with
register I1 and return condition (return by level or
edge) with register K2 according to the external
state before going into the power down state.
Timer 3 interrupt request flag
(T3F)
Return by timer 3 underflow or by setting T3F
to “1”.
It can be used in the clock operating mode.
Clear T3F with the SNZT3 instruction before
system enters into the power down state.
When system enters into the power down state
while T3F is “1”, system returns from the state
immediately because it is recognized as return
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com