Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4559 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 17Page - Renesas Technology Corp 4559 Datasheet HTML 18Page - Renesas Technology Corp 4559 Datasheet HTML 19Page - Renesas Technology Corp 4559 Datasheet HTML 20Page - Renesas Technology Corp 4559 Datasheet HTML 21Page - Renesas Technology Corp 4559 Datasheet HTML 22Page - Renesas Technology Corp 4559 Datasheet HTML 23Page - Renesas Technology Corp 4559 Datasheet HTML 24Page - Renesas Technology Corp 4559 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 21 of 146
REJ03B0188-0104
4559 Group
PROGRAM MEMORY (ROM)
The program memory is a mask ROM. 1 word of ROM is
composed of 10 bits. ROM is separated every 128 words by the
unit of page (addresses 0 to 127). Table 1 shows the ROM size
and pages. Figure 21 shows the ROM map of M34559G6.
A part of page 1 (addresses 008016 to 00FF16) is reserved for
interrupt addresses (Figure 22). When an interrupt occurs, the
address (interrupt address) corresponding to each interrupt is set
in the program counter, and the instruction at the interrupt
address is executed. When using an interrupt service routine,
write the instruction generating the branch to that routine at an
interrupt address.
Page 2 (addresses 010016 to 017F16) is the special page for
subroutine calls. Subroutines written in this page can be called
from any page with the 1-word instruction (BM). Subroutines
extending from page 2 to another page can also be called with the
BM instruction when it starts on page 2.
ROM pattern (bits 9 to 0) of all addresses can be used as data
areas with the TABP p instruction.
ROM Code Protect Address
When selecting the protect b it wr ite by using a serial
programmer or selecting protect enabled for writing shipment by
Renesas Technology corp., reading or writing from/to QzROM is
disabled by a serial programmer.
As for the QzROM product in blank, the ROM code is protected
by selecting the protect bit write at ROM writing with a serial
programmer.
As for the QzROM product shipped after writing, whether the
ROM code protect is used or not can be selected as ROM option
setup (“MASK option” written in the mask file converter) when
ordering.
Fig 21. ROM map of M34559G6
Fig 22. Page 1 (addresses 008016 to 00FF16) structure
Table 8
ROM size and pages
Part number
ROM (PROM) size
(
× 10 bits)
Pages
M34559G6
6144 words
48 (0 to 47)
Interrupt address page
Subroutine special page
000016
007F16
008016
00FF16
010016
017F16
018016
17FF16
Page 47
Page 0
Page 1
Page 2
Page 3
9 8765
43210
00FF16
008C16
008A16
008816
Timer 2 interrupt address
008616
Timer 1 interrupt address
008416
008216
External 0 interrupt address
008016
9
8
7
6543
210
Timer 3 interrupt address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com