Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4559 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 64Page - Renesas Technology Corp 4559 Datasheet HTML 65Page - Renesas Technology Corp 4559 Datasheet HTML 66Page - Renesas Technology Corp 4559 Datasheet HTML 67Page - Renesas Technology Corp 4559 Datasheet HTML 68Page - Renesas Technology Corp 4559 Datasheet HTML 69Page - Renesas Technology Corp 4559 Datasheet HTML 70Page - Renesas Technology Corp 4559 Datasheet HTML 71Page - Renesas Technology Corp 4559 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 68 of 146
REJ03B0188-0104
4559 Group
LIST OF PRECAUTIONS
(1) Noise and latch-up prevention
Connect a capacitor on the following condition to prevent noise
and latch-up;
• connect a bypass capacitor (approx. 0.1
µF) between pins VDD
and VSS at the shortest distance,
• equalize its wiring in width and length, and
• use relatively thick wire.
CNVSS is also used as VPP pin. Accordingly, when using this pin,
connect this pin to VSS through a resistor about 5k
Ω (connect
this resistor to CNVSS/VPP pin as close as possible).
(2) Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
(3) Register initial values 1
The initial value of the following registers are undefined after
system is released from reset. After system is released from reset,
set initial values.
• Register Z (2 bits)
• Register D (3 bits)
• Register E (8 bits)
(4) Register initial values 2
The initial value of the following registers are undefined at RAM
back-up. After system is returned from RAM back-up, set initial
values.
• Register Z (2 bits)
• Register X (4 bits)
• Register Y (4 bits)
• Register D (3 bits)
• Register E (8 bits)
(5) Program counter
Make sure that the PCH does not specify after the last page of the
built-in ROM.
(6) Stack registers (SKS)
Stack registers (SKs) are eight identical registers, so that
subroutines can be nested up to 8 levels. However, one of stack
registers is used respectively when using an interrupt service
routine and when executing a table reference instruction.
Accordingly, be careful not to over the stack when performing
these operations together.
(7) Multifunction
• The input/output of D5 can be used even when INT is used. Be
careful when using inputs of both INT and D5 since the input
threshold value of INT pin is different from that of port D5.
• “H“ output function of port C can be used even when the
CNTR (output) is used.
(8) Power-on reset
When the built-in power-on reset circuit is used, set the time for
the supply voltage to rise from 0 V to the minimum voltage of
recommended operating conditions to 100
µs or less.
If the rising time exceeds 100
µs, connect a capacitor between
the RESET pin and Vss at the shortest distance, and input “L”
level to RESET pin until the value of supply voltage reaches the
minimum operating voltage.
(9) POF, POF2 instruction
When the POF or POF2 instruction is executed continuously
after the EPOF instruction, system enters the RAM back-up
state.
Note that system cannot enter the RAM back-up state when
executing only the POF or POF2 instruction.
Be sure to disable interrupts by executing the DI instruction
before executing the EPOF instruction and the POF/POF2
instruction continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com