Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4559 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 2Page - Renesas Technology Corp 4559 Datasheet HTML 3Page - Renesas Technology Corp 4559 Datasheet HTML 4Page - Renesas Technology Corp 4559 Datasheet HTML 5Page - Renesas Technology Corp 4559 Datasheet HTML 6Page - Renesas Technology Corp 4559 Datasheet HTML 7Page - Renesas Technology Corp 4559 Datasheet HTML 8Page - Renesas Technology Corp 4559 Datasheet HTML 9Page - Renesas Technology Corp 4559 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 6 of 146
REJ03B0188-0104
4559 Group
MULTIFUNCTION
Note 1. Pins except above have just single function.
Note 2. The input/output of D5 can be used even when INT is selected.
Be careful when using inputs of both INT and D5 since the input threshold value of INT pin is different from that of port D5.
Note 3. “H“ output function of port C can be used even when the CNTR (output) is used.
PORT FUNCTION
Table 4
Pin description
Pin
Multifunction
Pin
Multifunction
Pin
Multifunction
Pin
Multifunction
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30
P31
P32
P33
D5
D6
D7
C
SEG0
SEG1
SEG2
SEG28
SEG29
SEG30
SEG31
INT
XCIN
XCOUT
CNTR
VLC3
VLC2
VLC1
SEG28
SEG29
SEG30
SEG31
INT
XCIN
XCOUT
CNTR
VLC3
VLC2
VLC1
P30
P31
P32
P33
D5
D6
D7
C
SEG0
SEG1
SEG2
Table 5
Port function
Port
Pin
Input
Output
Output
structure
I/O unit
Control
instructions
Control
registers
Remark
Port D
D0
−D4,
D5
/INT
I/O
(6)
N-channel
open-drain/
CMOS
1 bit
SD, RD
SZD, CLD
FR1, FR2,
I1, K2
Programmable output
structure selection function
D6/XCIN,
D7/XCOUT
Output
(2)
N-channel
open-drain
RG
−
Port P0
P00/SEG16,
P01/SEG17,
P02/SEG18,
P03/SEG19
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP0A
IAP0
PU0, K0,
FR0, C1
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P1
P10/SEG20,
P11/SEG21,
P12/SEG22,
P13/SEG23
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP1A
IAP1
PU1, K0,
FR0, C2
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P2
P20/SEG24,
P21/SEG25,
P22/SEG26,
P23/SEG27,
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP2A
IAP2
PU2, K1,
FR3, L3
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P3
P30/SEG28,
P31/SEG29,
P32/SEG30,
P33/SEG31
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP3A
IAP3
PU3, K2, K3,
FR2, C3
Programmable pull-up, key-
on wakeup and output
structure selection function
Port C
C/CNTR
Output
(1)
CMOS
1 bit
RCP
SCP
W1, W2, W4
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com