Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4559 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 79Page - Renesas Technology Corp 4559 Datasheet HTML 80Page - Renesas Technology Corp 4559 Datasheet HTML 81Page - Renesas Technology Corp 4559 Datasheet HTML 82Page - Renesas Technology Corp 4559 Datasheet HTML 83Page - Renesas Technology Corp 4559 Datasheet HTML 84Page - Renesas Technology Corp 4559 Datasheet HTML 85Page - Renesas Technology Corp 4559 Datasheet HTML 86Page - Renesas Technology Corp 4559 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 83 of 146
REJ03B0188-0104
4559 Group
INSTRUCTIONS
Each instruction is described as follows;
1. Index list of instruction function
2. Machine instructions (index by alphabet)
3. Machine instructions (index by function)
4. Instruction code table
The symbols shown below are used in the following list of
instruction function and the machine instructions.
Note 1. The 4559 Group just invalidates the next instruction when a skip is performed. The contents of program counter is not increased
by 2. Accordingly, the number of cycles does not change even if skip is not performed. However, the cycle count becomes “1” if
the TABP p, RT, or RTS instruction is skipped.
SYMBOL
Symbol
Contents
Symbol
Contents
A
Register A (4 bits)
R2H
Timer 2 reload register (8 bits)
B
Register B (4 bits)
RLC
Timer LC reload register (4 bits)
DR
Register DR (3 bits)
PS
Prescaler
E
Register E (8 bits)
T1
Timer 1
V1
Interrupt control register V1 (4 bits)
T2
Timer 2
V2
Interrupt control register V2 (4 bits)
TLC
Timer LC
I1
Interrupt control register I1 (4 bits)
T1F
Timer 1 interrupt request flag
PA
Timer control register PA (1 bit)
T2F
Timer 2 interrupt request flag
W1
Timer control register W1 (4 bits)
T3F
Timer 3 interrupt request flag
W2
Timer control register W2 (4 bits)
WDF1
Watchdog timer flag
W3
Timer control register W3 (4 bits)
WEF
Watchdog timer enable flag
W4
Timer control register W4 (4 bits)
INTE
Interrupt enable flag
MR
Clock control register MR (4 bits)
EXF0
External 0 interrupt request flag
RG
Clock control register RG (3 bits)
VDF
Voltage drop detection circuit flag
L1
LCD control register L1 (4 bits)
P
Power down flag
L2
LCD control register L2 (4 bits)
D
Port D (8 bits)
L3
LCD control register L3 (4 bits)
P0
Port P0 (4 bits)
C1
LCD control register C1 (4 bits)
P1
Port P1 (4 bits)
C2
LCD control register C2 (4 bits)
P2
Port P2 (4 bits)
C3
LCD control register C3 (4 bits)
P3
Port P3 (4 bits)
K0
Key-on wakeup control register K0 (4 bits)
C
Port C (1 bit)
K1
Key-on wakeup control register K1 (4 bits)
INT
INT pin (1 bit)
K2
Key-on wakeup control register K2 (4 bits)
K3
Key-on wakeup control register K3 (4 bits)
x
Hexadecimal variable
PU0
Pull-up control register PU0 (4 bits)
y
Hexadecimal variable
PU1
Pull-up control register PU1 (4 bits)
z
Hexadecimal variable
PU2
Pull-up control register PU2 (4 bits)
p
Hexadecimal variable
PU3
Pull-up control register PU3 (4 bits)
n
Hexadecimal constant
FR0
Port output structure control register FR0 (4 bits)
i
Hexadecimal constant
FR1
Port output structure control register FR1 (4 bits)
j
Hexadecimal constant
FR2
Port output structure control register FR2 (4 bits)
A3 A2 A1 A0
Binary notation of hexadecimal variable A
(same for others)
FR3
Port output structure control register FR3 (4 bits)
X
Register X (4 bits)
←
Direction of data movement
Y
Register Y (4 bits)
(
)
Contents of registers and memories
Z
Register Z (2 bits)
−
Negate, Flag unchanged after executing instruction
DP
Data pointer (10 bits)
(It consists of registers X, Y, and Z)
M (DP)
RAM address pointed by the data pointer
a
Label indicating address a6 a5 a4 a3 a2 a1 a0
PC
Program counter (14 bits)
p, a
Label indicating address a6 a5 a4 a3 a2 a1 a0 in page
p6 p5 p4 p3 p2 p1 p0
PCH
High-order 7 bits of program counter
PCL
Low-order 7 bits of program counter
SK
Stack register (14 bits
× 8)
C+x
Hex. C + Hex. number x (also same for others)
SP
Stack pointer (3 bits)
?
Decision of state shown before “?”
CY
Carry flag
← →
Data exchange between a register and memory
UPTF
High-order bit reference enable flag
RPS
Prescaler reload register (8 bits)
R1
Timer 1 reload register (8 bits)
R2L
Timer 2 reload register (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com