Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P311SXS/XJ Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P311SXS/XJ
Description  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 17
(This specification is subject to change without further notice)
In using the external clock, data input sample is fixed at the middle of data output time.
Bit 6 ( DCOL )
: SPI Data collision.
DCOL = “0” :
No occurrence of Data collision
DCOL = “1” :
Data collision occurred. It should be cleared by software.
Bit 5 ~ Bit 3 ( BRS0 ~ BRS2 ) :
SPI Clock Source Select
BRS2
BRS1
BRS0
Clock Source
( Normal, Idle )
Max. Transfer Rate
( Fc = 8MHz )
0
0
0
Fc/2
13
0.95Kbit/s
0
0
1
Fc/2
11
3.8Kbit/s
0
1
0
Fc/2
10
7.6Kbit/s
0
1
1
Fc/2
8
30.5Kbit/s
1
0
0
Fc/2
6
122Kbit/s
1
0
1
Fc/2
5
244Kbit/s
1
1
0
External clock (/SCK pin)
Enable /ss pin
1
1
1
External clock (/SCK pin)
Disable /ss pin
Bit 2 ( EDS ) :
Data shift out edge select.
EDS = “0” :
Rising edge
EDS = “1” :
Falling edge
Bit 1 ( DORD ) :
Data transmission order.
DORD = “0” :
Shift left (MSB first)
DORD = “1” :
Shift right (LSB first)
Bit 0 ( WBE ) : Write buffer empty flag. Read only.
WBE = “0” :
Write buffer empty
WBE = “1” :
Not empty, set to “1” automatically when writing data to the data
buffer.
Bank 3 R6 SPIC2 (SPI Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPIS
0
0
0
0
SPIM1
SPIM0
RBF
Bit 7 ( SPIS ) :
SPI start shift, set the bit to “1” and shift register starts to shift. It is
cleared by hardware when shifting is finished. In transferring the next data, it
must be set to “1” again.
SPIS = “0” :
Finish shifting
SPIS = “1” :
Start shifting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com