Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P311SXS/XJ Datasheet(PDF) 30 Page - ELAN Microelectronics Corp

Part # EM78P311SXS/XJ
Description  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ Datasheet(HTML) 30 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 34Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
EM78P311N
8-Bit Microcontroller
26
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
5.6 Time Base Timer and Keytone Generator
Registers for AD Converter Circuit
R_BANK Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TEN
TCK1
TCK0
0
TBTEN TBTCK2 TBTCK1 TBTCK0
Bank 1
0X0E
TBKTC
R/W
R/W
R/W
--
R/W
R/W
R/W
R/W
0
UERRIF RBFF
TBEF
TBIF
EXIF1
0
TCIF0
Bank 0
0x0F
ISFR2
0
R/W
R/W
R/W
R/W
R/W
0
R/W
0
UERRIE URIE
UTIE
TBIE
EXIE1
0
TCIE0
SPR
0x0F
IMR2
0
R/W
R/W
R/W
R/W
R/W
0
R/W
MUX
Fosc/2
Fosc/2
Fosc/2
Fosc/2
13
12
11
10
TBKTC
TCK1:0
2
/TONE Pin
TEN
D
Q
Output Latch
Data Output
Output Enable (P63)
Fig. 5-6 Tone Output Pin Configuration
The Keytone output can generate 50% duty pulse for driving a piezo-electric buzzer.
The P63 must be set to “1” before the keytone is enabled and it can be halted by setting
P63 to “0”.
P63
TEN
TONE Pin
Fig. 5-7 Tone Output Pin Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com