Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P311SXS/XJ Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P311SXS/XJ
Description  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
EM78P311N
8-Bit Microcontroller
24
•
Product Specification (V1.0) 10.02.2006
(This specification is subject to change without further notice)
In Sleep mode, the internal oscillator is turned off and all system operation is halted. Sleep
mode is released by /SLEEP pin (level sensitive or edge sensitive can be set by System
Control Register (SCR) Bit 0 (REM)). After a warm-up period, the next instruction will be
executed which is after the Sleep mode start instruction. Sleep mode can also be released
by setting the /RESET pin to low and executing a reset operation. In level sensitive mode,
the /SLEEP pin must be confirmed in low level before entering Sleep mode. In edge
sensitive mode, Sleep mode is started even when the /SLEEP pin is in high level.
Table 4. Wake-up Methods
Wake-up Signal
Sleep Mode
R5 (SIS) = 1+SLEP
Instruction
Idle Mode
R5 (SIS)= 0 + SLEP
Instruction
Normal Mode
R5 (SIS)=(*)
1. Individual interrupt source
in IMR1, IMR2
2. WDT interrupt request
3. /INT0
4. ENI instruction is not
executed
No effect **
(**)
1. Wake-up
2. Jump to the next
instruction or enter
Idle mode
No effect**
1. Individual interrupt source
in IMR1, IMR2
2. WDT interrupt request
3. /INT0
4. Execute ENI instruction
No effect **
1. Wake-up
2. Jump to an Interrupt
vector after RETI
instruction, then jump
to the next instruction
or enter Idle mode
Interrupt
/SLEEP pin
1. Wake-up
2. Jump to the next
instruction or enter
Sleep mode
No effect
No effect
/RESET pin
Reset
Reset
Reset
WDT time out
Reset
Reset
Reset
Note:
* Don’t care
** Interrupt request flag will be recorded
5.5 AD Converter
Registers for AD Converter Circuit
R_BANK Address NAME
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0B
ADCR
ADREF ADRUN ADCK1 ADCK0
ADP
ADIS2
ADIS1
ADIS0
Bank 1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0X0C
ADIC
ADE7
ADE6
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
Bank 1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0X0D
ADDH
ADD9
ADD8
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
Bank 1
R
R
R
R
R
R
R
R
0X08
ADDL
ADD1
ADD0
0
TC2M
TC2S TC2CK2 TC2CK1 TC2CK0
Bank 1
R
R
--
R/W
R/W
R/W
R/W
R/W
0x0E
ISFR1
EXIF5
TCIF2
ADIF
0
EXIF3
TCIF4
SPIF
TCIF3
Bank 0
R/W
R/W
R/W
0
R/W
R/W
R/W
R/W
0x0C
ADOSCR
CALI
SIGN
VOF[2] VOF[1] VOF[0]
0
0
0
SPR
R/W
R/W
R/W
R/W
R/W
--
--
--
0x0E
IMR1
EXIE5
TCIE2
ADIE
0
EXIE3
TCIE4
SPIE
TCIE3
SPR
R/W
R/W
R/W
0
R/W
R/W
R/W
R/W
* R_BANK : Register Bank (Bits 7, 6 of R3), R/W: Read / Write
* SPR : Special Purpose Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com