Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P311SXS/XJ Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM78P311SXS/XJ
Description  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 33
(This specification is subject to change without further notice)
(b)
8-bit Receive Mode:
Setting SPIM0 ~ SPIM1 to receive mode and setting SPIS to “1” to start receiving.
The data are input sequentially from the SI pin in synchronous with the serial
clock. When the final bit of transfer data has been received, the SPI interrupt is
generated and SPIS is cleared to “0” by hardware. In order to receive the next
data, the SPIS must be set to “1” again by software. If the current data is not read
out from the data buffer, receiving is not started when using internal clock.
/SCK pin
RBF
WBE
SPIF
read data
shift start
shift start
SI pin
a0 a1 a2 a3 a4 a5 a6 a7
a
SPID
b0 b1 b2 b3 b4 b5 b6 b7
read data
b
shift finish
Fig. 5-15 Receive Mode (8-bit, 1 word)
(c) 8-bit Transmit/Receive Mode
Set SPIM0 ~ SPIM1 to transmit/receive mode and write data to data buffer SPID.
Set SPIS to “1” to start transferring. The data are output to the SO pin and input
from the SI pin sequentially in synchronous with the serial clock. When the
number of data words specified has been transferred, the SPI interrupt is
generated and SPIS is cleared to “0” by hardware. In order to receive the next
data, the SPIS must be set to “1” again by software. Writing data in transmit
mode and reading data in receive mode use the same data buffer. If the current
data is not read out from the data buffer and then write the data to data buffer, the
transfer is not started when using internal clock. Always write the data to be
transmitted after reading the received data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com