Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P311SXS/XJ Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P311SXS/XJ
Description  8-BIT Microcontroller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P311SXS/XJ Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P311SXS/XJ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P311SXS/XJ Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
EM78P311N
8-Bit Microcontroller
Product Specification (V1.0) 10.02.2006
• 9
(This specification is subject to change without further notice)
Bit 4 ~ Bit 2 ( TC4CK2 ~ TC4CK 0 )
: Timer/Counter 4 Clock Source Select
TC4CK2
TC4CK1
TC4CK0
Clock Source
( Normal, Idle )
Resolution
( Fosc=8M )
Max. Time
( Fosc=8M )
0
0
0
Fc/2^11
256uS
65mS
0
0
1
Fc/2^7
16uS
4mS
0
1
0
Fc/2^5
4uS
1mS
0
1
1
Fc/2^3
1uS
255uS
1
0
0
Fc/2^2
500nS
127.5uS
1
0
1
Fc/2^1
250nS
63.8uS
1
1
0
Fc
125nS
31.9uS
1
1
1
External clock (TC4 pin)
--
--
Bit 1 ~ Bit 0 ( TC4M1 ~ TC4M0 ) :
Timer/Counter 4 Operating Mode Select
TC4M1
TC4M0
Operating Mode
0
0
Timer/Counter
0
1
Reserved
1
0
Programmable Divider output
1
1
Pulse Width Modulation output
RC (Timer 4 Data Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC4D7
TC4D6
TC4D5
TC4D4
TC4D3
TC4D2
TC4D1
TC4D0
Bit 7 ~ Bit 0 ( TC4D7 ~ TC4D0 ) :
Data buffer of 8-bit Timer/Counter 4.
RD (Interrupt Status Flag Register 0 and INT3 Edge Detect Flag)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
INT3F
INT3R
0
0
WDTIF
EXIF0
Bit 5 ( INT3F ) :
External interrupt 3 falling edge detect flag.
INT3F = “0” :
Falling edge is not detected
INT3F = “1” :
Falling edge is detected
Bit 4 ( INT3R ) :
External interrupt 3 rising edge detect flag.
INT3R = “0” :
Rising edge is not detected
INT3R = “1” :
Rising edge is detected
Bit 1 ( WDTIF ) :
WDT time-out flag, flag cleared by software.
Bit 0 ( EXIF0 ) :
External interrupt flag (INT0). Flag cleared by software. If the INT0EN
is reset to “0”, the flag is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com