Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58WR016KU
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KU Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58WR016KU Datasheet HTML 2Page - STMicroelectronics M58WR016KU Datasheet HTML 3Page - STMicroelectronics M58WR016KU Datasheet HTML 4Page - STMicroelectronics M58WR016KU Datasheet HTML 5Page - STMicroelectronics M58WR016KU Datasheet HTML 6Page - STMicroelectronics M58WR016KU Datasheet HTML 7Page - STMicroelectronics M58WR016KU Datasheet HTML 8Page - STMicroelectronics M58WR016KU Datasheet HTML 9Page - STMicroelectronics M58WR016KU Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M58WRxxxKU, M58WRxxxKL
Package mechanical
7/10
Table 2.
VFBGA44 7.5 × 5 mm, 10 × 4 ball array, 0.50mm pitch, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.000
0.0394
A1
0.150
0.0059
A2
0.660
0.0260
b
0.300
0.250
0.350
0.0118
0.0098
0.0138
D
7.500
7.400
7.600
0.2953
0.2913
0.2992
D1
4.500
0.1772
D2
6.500
0.2559
ddd
0.080
0.0031
E
5.000
4.900
5.100
0.1969
0.1929
0.2008
E1
1.500
0.0591
E2
3.500
0.1378
e
0.500
–
–
0.0197
–
–
FD
1.500
0.0591
FD1
0.500
0.0197
FE
1.750
0.0689
FE1
0.750
0.0295
SD
0.250
0.0098
SE
0.250
0.0098



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com