Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU Datasheet(PDF) 2 Page - STMicroelectronics

Part # M58WR016KU
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KU Datasheet(HTML) 2 Page - STMicroelectronics

  M58WR016KU Datasheet HTML 1Page - STMicroelectronics M58WR016KU Datasheet HTML 2Page - STMicroelectronics M58WR016KU Datasheet HTML 3Page - STMicroelectronics M58WR016KU Datasheet HTML 4Page - STMicroelectronics M58WR016KU Datasheet HTML 5Page - STMicroelectronics M58WR016KU Datasheet HTML 6Page - STMicroelectronics M58WR016KU Datasheet HTML 7Page - STMicroelectronics M58WR016KU Datasheet HTML 8Page - STMicroelectronics M58WR016KU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Description
M58WRxxxKU, M58WRxxxKL
2/10
1
Description
The M58WR016KU/L and M58WR032KU/L are 16-Mbit (1 Mbit ×16) and 32- Mbit (2 Mbit
×16) non-volatile Flash memories, respectively. In the rest of the document, they will be
referred to as M58WRxxxKU/L unless otherwise specified.
The M58WRxxxKU/L may be erased electrically at block level and programmed in-system
on a word-by-word basis using a 1.7 V to 2 V VDD supply for the circuitry and a 1.7 V to 2 V
VDDQ supply for the Input/Output pins. An optional 9 V VPP power supply is provided to
speed up customer programming.
The first sixteen address lines are multiplexed with the Data Input/Output signals on the
multiplexed address/data bus ADQ0-ADQ15. The remaining address lines, A16-Amax, are
the Most Significant Bit addresses.
The device features an asymmetrical block architecture:
●
the M58WR016KU/L have an array of 39 blocks, and are divided into 4 Mbit banks.
There are 3 banks each containing 8 main blocks of 32 KWords, and one parameter
bank containing 8 parameter blocks of 4 KWords and 7 main blocks of 32 KWords.
●
the M58WR032KU/L have an array of 71 blocks, and are divided into 4 Mbit banks.
There are 7 banks each containing 8 main blocks of 32 KWords, and one parameter
bank containing 8 parameter blocks of 4 KWords and 7 main blocks of 32 KWords
The Multiple Bank Architecture allows Dual Operations, while programming or erasing in
one bank, Read operations are possible in other banks. Only one bank at a time is allowed
to be in Program or Erase mode. It is possible to perform burst reads that cross bank
boundaries. The Parameter Blocks are located at the top of the memory address space for
the M58WR016KU and M58WR032KU, and at the bottom for the M58WR016KL and
M58WR032KL.
Each block can be erased separately. Erase can be suspended, in order to perform program
in any other block, and then resumed. Program can be suspended to read data in any other
block and then resumed. Each block can be programmed and erased over 100 000 cycles
using the supply voltage VDD. There are two Enhanced Factory programming commands
available to speed up programming.
Program and Erase commands are written to the Command Interface of the memory. An
internal Program/Erase Controller takes care of the timings necessary for program and
erase operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports synchronous burst read and asynchronous read from all blocks of the
memory array; at power-up the device is configured for asynchronous read. In synchronous
burst mode, data is output on each clock cycle at frequencies of up to 86 MHz. The
synchronous burst read operation can be suspended and resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com