Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58WR016KU
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KU Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58WR016KU Datasheet HTML 2Page - STMicroelectronics M58WR016KU Datasheet HTML 3Page - STMicroelectronics M58WR016KU Datasheet HTML 4Page - STMicroelectronics M58WR016KU Datasheet HTML 5Page - STMicroelectronics M58WR016KU Datasheet HTML 6Page - STMicroelectronics M58WR016KU Datasheet HTML 7Page - STMicroelectronics M58WR016KU Datasheet HTML 8Page - STMicroelectronics M58WR016KU Datasheet HTML 9Page - STMicroelectronics M58WR016KU Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Part numbering
M58WRxxxKU, M58WRxxxKL
8/10
3
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.), Daisy chain ordering information, or for
further information on any aspect of this device, please contact the ST Sales Office nearest
to you.
Table 3.
Ordering information scheme
Example:
M58 W
R 032
K
U
70
ZA
6
E
Device Type
M58
Architecture
W = Multiple Bank, Burst Mode
Operating Voltage
R = VDD = VDDQ = 1.7V to 2V
Density
016 = 16 Mbit (×16)
032 = 32 Mbit (×16)
Technology
K = 65 nm technology
Parameter Location
U = Top Boot, Mux I/O
L = Bottom Boot, Mux I/O
Speed
60 = 60 ns
70 = 70 ns
Package
ZA = VFBGA44 7.5 x 5 mm, 0.50 mm pitch
Temperature Range
6 = –40 to 85 °C
Option
E = ECOPACK® Package, Standard Packing
U = ECOPACK® Package, Tape & Reel Packing, 16mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com