Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU Datasheet(PDF) 3 Page - STMicroelectronics

Part # M58WR016KU
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KU Datasheet(HTML) 3 Page - STMicroelectronics

  M58WR016KU Datasheet HTML 1Page - STMicroelectronics M58WR016KU Datasheet HTML 2Page - STMicroelectronics M58WR016KU Datasheet HTML 3Page - STMicroelectronics M58WR016KU Datasheet HTML 4Page - STMicroelectronics M58WR016KU Datasheet HTML 5Page - STMicroelectronics M58WR016KU Datasheet HTML 6Page - STMicroelectronics M58WR016KU Datasheet HTML 7Page - STMicroelectronics M58WR016KU Datasheet HTML 8Page - STMicroelectronics M58WR016KU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M58WRxxxKU, M58WRxxxKL
Description
3/10
The device features an Automatic Standby mode. When the bus is inactive during
Asynchronous Read operations, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value IDD4 and the
outputs are still driven.
The M58WRxxxKU/L features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at Power-Up.
The device includes a Protection Register to increase the protection of a system’s design.
The Protection Register is divided into two segments: a 64 bit segment containing a unique
device number written by ST, and a 128 bit segment One-Time-Programmable (OTP) by the
user. The user programmable segment can be permanently protected.
The memory is available in a VFBGA44 7.5 × 5 mm, 10 × 4 active ball array, 0.5 mm pitch
package. It is supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com