Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069N Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TEA1069N
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069N Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TEA1069N Datasheet HTML 13Page - NXP Semiconductors TEA1069N Datasheet HTML 14Page - NXP Semiconductors TEA1069N Datasheet HTML 15Page - NXP Semiconductors TEA1069N Datasheet HTML 16Page - NXP Semiconductors TEA1069N Datasheet HTML 17Page - NXP Semiconductors TEA1069N Datasheet HTML 18Page - NXP Semiconductors TEA1069N Datasheet HTML 19Page - NXP Semiconductors TEA1069N Datasheet HTML 20Page - NXP Semiconductors TEA1069N Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1998 Jan 08
17
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
The DC-level at the TONE output measures 1
⁄2VDD and the impedance is typically 100 Ω. DTMF frequencies are
composed by transmitting 2 tones simultaneously at pin TONE. The frequency tolerance for the tones at output TONE
is shown in Table 4.
Table 4
DTMF frequency tolerances
DTMF FREQUENCY
FREQUENCY AT TONE
DEVIATION (%)
DEVIATION (Hz)
697
697.90
+0.13
+0.90
770
770.46
+0.06
+0.46
852
850.45
−0.18
−1.55
941
943.23
+0.24
+2.23
1209
1206.45
−0.21
−2.55
1336
1341.66
+0.42
+5.66
1477
1482.21
+0.35
+5.21
Fig.14 Timing diagram in tone dialling mode.
tt = burst time.
tp = pause time.
tholdover = hold-over time.
trc = recall time.
tinterflash = interflash hold-over time (only for TEA1069A).
Note: in case of manual dialling only the minimum tone burst and pause time values depend on the chosen diode option, the maximum tone burst/pause
times are equal to the real key press/release time.
handbook, full pagewidth
MBH202
[3]
[3]
MUTE
KEYS
DP/FL
TONE
[recall]
[4]
tt
tp
tp + tholdover
tholdover
trc
tinterflash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com