| Electronic Components Datasheet Search |
|
TEA1069N Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069N Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 44 page ![]() 1998 Jan 08 26 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A • Mute state. When the [HOLD/MUTE] key is pressed (HMS = off) the mute state is entered and MUTE becomes LOW. In mute state a music-on-hold melody is generated by output TONE. Pin MOH/DMO is HIGH (diode GOS = off) during this state. This signal can be used to adjust the volume of the TONE pin. Since MUTE is LOW the TONE output is transmitted to the telephone line. The mute state is left when: – [HOLD/MUTE] is pressed, set returns to either handset- or hands-free state – a dial action is started. Dialling state During the dial-keys entries the TEA1069 and TEA1069A start immediately with transmission of the digit(s); the minimum transmission time is unaffected by the speed of the entry. Transmission continues as long as further dial-keys entries have to be processed. Fig.24 Volume control state machine. (1) VOL1 = HIGH, VOL2 = HIGH. (2) VOL1 = LOW, VOL2 = HIGH. (3) VOL1 = HIGH, VOL2 = LOW. (4) VOL1 = LOW, VOL2 = LOW. handbook, halfpage MBH212 HIGHEST HIGH [VOL −] [VOL +] LOW [VOL −] [VOL+] LOWEST [VOL −] [VOL −] [VOL +] [VOL +] (4) (3) (2) (1) However when keying-in is much faster then dialling-out, then the 32 digit dialling register will overflow. When this occurs the dialling is stopped and the error beep will be generated. There are two dial modes: pulse dialling and tone dialling. The initial dialling mode is determined by option PTS. The state machine which controls the dial mode is shown in Fig.25. • Pulse dialling. In this mode all valid keys are dialled by the pulse dialler. When during pulse dialling key [ ∗/T] is pressed, the TEA1069 and TEA1069A switch over to tone dialling (mixed mode dialling). After the switch-over, valid keys are dialled by the tone dialler. The temporary tone mode is terminated by going on-hook or recall. • Tone dialling. The ICs convert valid keys into data for the on-chip DTMF generator. Tones are transmitted via output TONE with minimum tone burst/pause duration. The maximum tone burst/pause duration is equal to the key pressing/release time. • Register recall (flash/earth). The [RECALL] key will result in a flash or earth action. • Access pause. When the [PAUSE/LNR] button is not the first key pressed, an access pause is entered for repertory or redialling procedures. When an access pause is executed MUTE is HIGH. During manual dialling no access pauses are dialled. • Last Number Redial (LNR). If the first key pressed is the [PAUSE/LNR] button, the number stored in the redial register is recalled and transmitted. A maximum number of 32 digits can be Fig.25 Dialling mode state machine. handbook, halfpage MBH213 PULSE DIALLING PTS = on PTS = off TONE DIALLING [*/T] [RECALL] + PTS = on |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |