| Electronic Components Datasheet Search |
|
TEA1069N Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069N Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 44 page ![]() 1998 Jan 08 25 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A Fig.23 Conversation states. handbook, full pagewidth MBH211 STANDBY HOLD HANDSET MUTE HANDSFREE [HOLD/MUTE] + HMS = off [HOLD/MUTE] + HMS = on [HOLD/MUTE] + HMS = on [HOLD/MUTE] [HOLD/MUTE] + HMS = off [HOLD/MUTE] [HOLD/MUTE] [HOLD/MUTE] [HOOK] [HOOK] + on-hook [HOOK] [HOOK] + off-hook on-hook off-hook on-hook on-hook + pin HOLD = LOW CONVERSATION • Handset state. The conversation states are shown in Fig.23. • Hands-free state. In hands-free mode output HF becomes HIGH which activates a TEA1093/1094 hands-free IC. This state can be reached from standby state and from the handset state as follows: – the [HOOK] key is pressed during standby mode – the [HOOK] key is pressed during handset state is lifted, then when the handset is put on the cradle the set stays in the hands-free mode. The set leaves the hands-free mode and output HF becomes LOW when: – the [HOOK] key is pressed and the handset is on the cradle, the set goes to the standby mode – the [HOOK] key is pressed and the handset is lifted, the set goes to the handset state. The volume on the loudspeaker or buzzer, in hands-free and ringer mode, can be controlled in four levels using the [VOL+] and [VOL −] keys. The hands-free volume can be changed according to Fig.24. • Hold state. The hold state is entered when the [HOLD/MUTE] key is pressed (diode HMS = on). This state can be entered either from handset state or from hands-free state. Upon entering this state outputs HF and MUTE become LOW. In hold state a music-on-hold melody is generated by output TONE. Pin MOH/DMO is HIGH (diode GOS = off) during this state. This signal can be used to adjust the volume of the TONE pin. Since MUTE is LOW the TONE output is transmitted to the telephone line. As long as the TEA1069 and TEA1069A are in this state the HOLD input pin is tested. The set leaves the hold state when: – [HOLD/MUTE] is pressed, the set returns to either the handset or hands-free state – the HOLD input becomes LOW, now the TEA1069 and TEA1069A return to the standby state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |