| Electronic Components Datasheet Search |
|
TEA1069N Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069N Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 44 page ![]() 1998 Jan 08 27 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A accepted for last number redial. If this maximum is reached the redial function is inhibited. During LNR programmed access pauses are also dialled. The [RECALL] key and the (in pulse dialling mode allowed) tone switch key [ ∗/T] are also stored in LNR memory. • Notepad function. In conversation state it is possible to store a number into the LNR register, which may be dialled after an on-hook/off-hook action. The procedure is as follows: – press [STORE] – press to-be-stored sequence of the digits [0] to [9], [PAUSE/LNR], [ ∗/T] or [RECALL] – press [STORE] – press [PAUSE/LNR]. Memory recall state Repertory numbers can be dialled-out after or before entering manual dialling, last number redial and by entering the memory locations in successive order. The stored numbers can be dialled by the following procedures: • Press [MRC] • Press one of the numeric keys [0] to [9], corresponding to the memory location or • Press one of the direct memory keys ([M1] to [M10]). Program state The program mode can be entered from the conversation (on-line) mode. Pressing the [STORE] key in this state puts the TEA1069 and TEA1069A in the program mode. The program state can be left by going on-hook (by putting the handset on the cradle or pressing the [HOOK] key), the program mode is interrupted and nothing is stored, or by ending the store procedures resulting in a proper store of the programmed item. • Programming repertory numbers. Storing of a new repertory number including access pauses, tone switch and register recall can be done by the following procedures: – press [STORE] – press to-be-stored sequence of the digits [0] to [9], [PAUSE/LNR], [ ∗/T] or [RECALL] – press [MRC] – press one of the numeric keys [0] to [9], corresponding to the memory location or – press [STORE] – press to-be-stored sequence of the digits [0] to [9], [PAUSE/LNR], [ ∗/T] or [RECALL] – press [M1] to [M10]. For storing the redial number in repertory use: – press [STORE] – press [PAUSE/LNR] – press [MRC] – press one of the numeric keys [0] to [9], corresponding to the memory location or – press [STORE] – press [PAUSE/LNR] – press [M1] to [M10]. If the keyboard described in Fig.17 is selected by the KBS diode option, repertory memory place [M1] = [MRC] + [1] to [M10] = [MRC] + [0], thus the set has 10 repertory numbers which can be selected via two different ways. If the keyboard described in Fig.19 is selected by the KBS diode option repertory memory place [MRC] + [0] to [MRC] + [9] and [M1], [M2] and [M3] are different repertory numbers, thus this set has in total 13 repertory numbers. • Memory overflow. A maximum of 224 digits can be stored in the repertory memories. When the maximum is reached, no keytone is generated when trying to store more digits. The store procedure is cancelled automatically. • Clear repertory number. Clearing a memory location is possible via the same procedure as for storing a number, except no telephone number is entered, thus one of the following sequences must be used: – press [STORE] – press [MRC] – press one of the numeric keys [0] to [9], corresponding to the memory location or – press [STORE] – press [M1] to [M10]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |