Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R100 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 46Page - STMicroelectronics ST25R100 Datasheet HTML 47Page - STMicroelectronics ST25R100 Datasheet HTML 48Page - STMicroelectronics ST25R100 Datasheet HTML 49Page - STMicroelectronics ST25R100 Datasheet HTML 50Page - STMicroelectronics ST25R100 Datasheet HTML 51Page - STMicroelectronics ST25R100 Datasheet HTML 52Page - STMicroelectronics ST25R100 Datasheet HTML 53Page - STMicroelectronics ST25R100 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
5.13.33
No-response timer register 2
Address: 20h
Type: RW
Domain: RD
Table 49. No-response timer register 2
Bit
Name
Default
Function
Comment
7
nrt7
0
No-response timer definition LSB
-
6
nrt6
0
5
nrt5
0
4
nrt4
0
3
nrt3
0
2
nrt2
0
1
nrt1
0
0
nrt0
0
5.13.34
General purpose timer register 1
Address: 21h
Type: RW
Domain: RD
Table 50. General purpose timer register 1
Bit
Name
Default
Function
Comment
7
gpt15
0
General Purpose Timer definition MSB
•
Step: 8/fc steps (~590 ns)
•
Range: 8 / fc (~590 ns) to 524280 / fc (~38.7 ms)
-
6
gpt14
0
5
grt13
0
4
gpt12
0
3
gpt11
0
2
gpt10
0
1
gpt9
0
0
gpt8
0
5.13.35
General purpose timer register 2
Address: 22h
Type: RW
Domain: RD
Table 51. General purpose timer register 2
Bit
Name
Default
Function
Comment
7
gpt7
0
General purpose timer definition LSB
-
6
gpt6
0
5
gpt5
0
4
gpt4
0
3
gpt3
0
ST25R100
Application information
DS14139 - Rev 5
page 50/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com