Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R100 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 54Page - STMicroelectronics ST25R100 Datasheet HTML 55Page - STMicroelectronics ST25R100 Datasheet HTML 56Page - STMicroelectronics ST25R100 Datasheet HTML 57Page - STMicroelectronics ST25R100 Datasheet HTML 58Page - STMicroelectronics ST25R100 Datasheet HTML 59Page - STMicroelectronics ST25R100 Datasheet HTML 60Page - STMicroelectronics ST25R100 Datasheet HTML 61Page - STMicroelectronics ST25R100 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
Bit Name Default
Function
Comment
2
8-bit signed reference
Range: -128 to 127
If iq_aaref = 1 the reference is automatically calculated, and this register is RO.
When iq_aaref = 0 the reference shall be set manually, and this register
becomes RW
q_ref2
0
1
q_ref1
0
0
q_ref0
0
5.13.52
Q-Channel WU display calibration register
Address: 33h
Type: RO
Domain: PD
Table 70. Q-Channel WU display calibration register
Bit
Name
Default
Function
Comment
7
q_cal7
1
8-bit unsigned calibration result
-
6
q_cal6
0
5
q_cal5
0
4
q_cal4
0
3
q_cal3
0
2
q_cal2
0
1
q_cal1
0
0
q_cal0
0
5.13.53
TX frame register 1
Address: 34h
Type: RW
Domain: RD
Table 71. TX frame register 1
Bit
Name
Default
Function
Comment
7
ntx12
0
Number of full bytes to be transmitted (msb)
-
6
ntx11
0
5
ntx10
0
4
ntx9
0
3
ntx8
0
2
ntx7
0
1
ntx6
0
0
ntx5
0
5.13.54
Tx frame register 2
Address: 35h
Type: RW
Domain: RD
ST25R100
Application information
DS14139 - Rev 5
page 58/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com