Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R100 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 62Page - STMicroelectronics ST25R100 Datasheet HTML 63Page - STMicroelectronics ST25R100 Datasheet HTML 64Page - STMicroelectronics ST25R100 Datasheet HTML 65Page - STMicroelectronics ST25R100 Datasheet HTML 66Page - STMicroelectronics ST25R100 Datasheet HTML 67Page - STMicroelectronics ST25R100 Datasheet HTML 68Page - STMicroelectronics ST25R100 Datasheet HTML 69Page - STMicroelectronics ST25R100 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
5.14.17
Test register access
This command allows access to the device’s test registers.
Test registers are not part of the normal register address space. After sending the direct command, test registers
can be accessed using the normal Read/Write register operation.
The access to test registers is possible in a chained command sequence where command test register access is
sent first, followed by read/write operation to test registers. The test registers are set to the default state at power-
up.
Test and observation register 1
Address: 02h
Type: RW
Domain: PD
Table 84. Observation access 1
Bit
Name
Default
Function
Comment
7
tm_rxwu_tad2_3
0
TAD2 test mode
Table 85
6
tm_rxwu_tad2_2
0
5
tm_rxwu_tad2_1
0
4
tm_rxwu_tad2_0
0
3
tm_rxwu_tad1_3
0
TAD1 test mode
2
tm_rxwu_tad1_2
0
1
tm_rxwu_tad1_1
0
0
tm_rxwu_tad1_0
0
Table 85. TAD1/TAD2 test mode
tm_rxwu_tad<3:0>
tm_rxwu_tad3
tm_rxwu_tad2
tm_rxwu_tad1
tm_rxwu_tad0
Mode
3
0
0
1
1
Digital
6
0
1
1
0
Digital
Other combinations
RFU
Test and observation register 2
Address: 03h
Type: RW
Domain: PD
Table 86. Observation register 2
Bit
Name
Default
Function
Comment
7
tm_sigsel_tad2_3
0
TAD2 test signal
Table 87 and Table 88
6
tm_sigsel_tad2_2
0
5
tm_sigsel_tad2_1
0
4
tm_sigsel_tad2_0
0
3
tm_sigsel_tad1_3
0
TAD1 test signal
2
tm_sigsel_tad1_2
0
1
tm_sigsel_tad1_1
0
0
tm_sigsel_tad1_0
0
ST25R100
Application information
DS14139 - Rev 5
page 66/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com