Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R100 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 2Page - STMicroelectronics ST25R100 Datasheet HTML 3Page - STMicroelectronics ST25R100 Datasheet HTML 4Page - STMicroelectronics ST25R100 Datasheet HTML 5Page - STMicroelectronics ST25R100 Datasheet HTML 6Page - STMicroelectronics ST25R100 Datasheet HTML 7Page - STMicroelectronics ST25R100 Datasheet HTML 8Page - STMicroelectronics ST25R100 Datasheet HTML 9Page - STMicroelectronics ST25R100 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
3
Pin and signal description
Figure 2. UFQFPN24 pinout (top view)
UFQFPN24
4x4 mm
1
2
3
IRQ
MISO
VDD_IO
4
5
6
GND_D
VDD_D
VDD_AM
24
23
22
21
20
19
13
14
15
TAD1
VDD_A
AGD
16
17
18
RFI1
RFI2
GND_A
12
11
10
9
8
7
25
Table 1. UFQFPN24 pin assignment
UFQFPN24
Name
Type(1)
Description
1
IRQ
DO
Interrupt request output
2
MISO
DO_T Serial peripheral interface data output
3
VDD_IO
P
External peripheral communication supply (5 V domain)
4
GND_D
P
Digital ground
5
VDD_D
AOS
Regulated supply for digital (1 V domain)
6
VDD_AM
AOS
Regulated driver supply for AM modulation (5 V domain)
7
VDD
P
External main positive supply (5 V domain)
8
VDD_DR
AOS
Regulated driver supply for antenna driver (5 V domain)
9
RFO1
AO
Antenna driver output
10
RFO2
AO
Antenna driver output
11
GND_DR
P
Antenna driver ground (it must be connected as short as possible to pin 25 (VSS) that is the
exposed pad)
12
TAD2
AIO
Analog/Digital test pin (connect to test point or unconnected if not used)
13
TAD1
AO
Analog/Digital test pin (connect to test point or unconnected if not used)
14
VDD_A
AOS
Regulated supply for analog (3 V domain)
15
AGD
AIO
Analog reference voltage
16
RFI1
AI
Receiver input
17
RFI2
AI
Receiver input
18
GND_A
P
Analog ground
19
XTI
AI/DI
Crystal oscillator input
ST25R100
Pin and signal description
DS14139 - Rev 5
page 6/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com