Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R100 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST25R100
Description  NFC/HF RFID reader IC
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R100 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST25R100 Datasheet HTML 65Page - STMicroelectronics ST25R100 Datasheet HTML 66Page - STMicroelectronics ST25R100 Datasheet HTML 67Page - STMicroelectronics ST25R100 Datasheet HTML 68Page - STMicroelectronics ST25R100 Datasheet HTML 69Page - STMicroelectronics ST25R100 Datasheet HTML 70Page - STMicroelectronics ST25R100 Datasheet HTML 71Page - STMicroelectronics ST25R100 Datasheet HTML 72Page - STMicroelectronics ST25R100 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
6.2
Operating conditions
Table 90. Operating conditions
Symbol
Parameter
Min
Max
Unit
VDD(1)
Positive supply voltage
2.7
5.5
V
VDD_IO(1)
Peripheral communication supply voltage (pin 3)
2.7
5.5
VPIO(1)
Voltage for peripheral IO communication (pins: 1, 2, 21, 22, 23, and 24)
2.7
5.5
VP5V(1)
Pin voltage (pins: 6, 8, 9, 10, 12, and 13) in the 5 V domain
0
5.5
VP3V(1)
Pin voltage (pins: 14, 15, 16, 17, 19, and 20) in the 3 V domain
0
3.6
VP1V(1)
Pin voltage (pin 5) in the 1 V domain
0
1.4
VRFI_A
RFI input amplitude(2)
0.15
3
VPP
TJun
Junction temperature
-25
125
°C
TAmb
Ambient temperature range
-25
85
°C
1. Referenced to VSS.
2. In NFC/HF reader mode the recommended signal level is 2.5 VPP.
ST25R100
Electrical characteristics
DS14139 - Rev 5
page 69/86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com