Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338024 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 59Page - Renesas Technology Corp HD64338024 Datasheet HTML 60Page - Renesas Technology Corp HD64338024 Datasheet HTML 61Page - Renesas Technology Corp HD64338024 Datasheet HTML 62Page - Renesas Technology Corp HD64338024 Datasheet HTML 63Page - Renesas Technology Corp HD64338024 Datasheet HTML 64Page - Renesas Technology Corp HD64338024 Datasheet HTML 65Page - Renesas Technology Corp HD64338024 Datasheet HTML 66Page - Renesas Technology Corp HD64338024 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 21 of 652
REJ09B0042-0700
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
Interrupt
pins
WKP7 to
WKP0
20 to 13
22 to 15 H1, J1,
H3, G1,
H2, G2,
F2, G3
21 to
14
22 to
15
20 to
13
Input
Wakeup interrupt
request 7 to 0: These are
input pins for rising or
falling-edge-sensitive
external interrupts.
Timer
pins
AEVL
AEVH
68
67
70
69
A6
B7
69
68
70
69
68
67
Input
Asynchronous event
counter event input:
This is an event input pin
for input to the
asynchronous event
counter.
TMIC
76
78
B3
77
78
76
Input
Timer C event input:
This is an event input pin
for input to the timer C
counter.
UD
61
63
A9
62
63
61
Input
Timer C up/down select:
This pin selects up- or
down-counting for the
timer C counter. The
counter operates as a
down-counter when this
pin is high, and as an up-
counter when low.
TMIF
5
7
D1
56
5Input
Timer F event input:
This is an event input pin
for input to the timer F
counter.
TMOFL
62
64
A8
6364
62Output Timer FL output: This is
an output pin for
waveforms generated by
the timer FL output
compare function.
TMOFH
63
65
B9
6465
63Output Timer FH output: This is
an output pin for
waveforms generated by
the timer FH output
compare function.
TMIG
2
4
C1
23
2Input
Timer G capture input:
This is an input pin for
timer G input capture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com