Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338024 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 21Page - Renesas Technology Corp HD64338024 Datasheet HTML 22Page - Renesas Technology Corp HD64338024 Datasheet HTML 23Page - Renesas Technology Corp HD64338024 Datasheet HTML 24Page - Renesas Technology Corp HD64338024 Datasheet HTML 25Page - Renesas Technology Corp HD64338024 Datasheet HTML 26Page - Renesas Technology Corp HD64338024 Datasheet HTML 27Page - Renesas Technology Corp HD64338024 Datasheet HTML 28Page - Renesas Technology Corp HD64338024 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxv of xlii
Item
Page
Revision (See Manual for Details)
16.8.2 DC
Characteristics
Table 16.21 DC
Characteristics
515, 516
Values
Item
Symbol
Applicable Pins
Min
Typ
Max
Unit
Test Condition
Notes
Sleep
mode
current
consump-
tion
ISLEEP
VCC
—
0.3
—
mA
VCC = 2.7 V,
fOSC = 2 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
0.8
—
*2 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
0.5
—
VCC = 5 V,
fOSC = 2 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
0.9
—
*2 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
0.9
—
VCC = 5 V,
fOSC = 4 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
1.3
—
*2 *3 *4
—
1.5
5.0
*1 *3 *4
—
2.2
5.0
VCC = 5 V,
fOSC = 10 MHz
*2 *3 *4
ISUB
VCC
—
11.3
—
µA
*1 *3 *4
Reference
value
Subactive
mode
current
consump-
tion
—
12.7
—
VCC = 2.7 V,
LCD on,
32-kHz crystal
resonator used
(
φSUB = φW/8)
*2 *3 *4
Reference
value
—
16.3
50
*1 *3 *4
—
30
50
VCC = 2.7 V,
LCD on,
32-kHz crystal
resonator used
(
φSUB = φW/2)
*2 *3 *4
Values
Item
Symbol
Applicable Pins
Min
Typ
Max
Unit
Test Condition
Notes
IWATCH
VCC
—
1.4
—
µA
*1 *3 *4
Reference
value
Watch
mode
current
consump-
tion
—
1.8
—
VCC = 2.7 V,
Ta = 25
°C,
32-kHz crystal
resonator used,
LCD not used
*2 *3 *4
Reference
value
—
1.8
6.0
VCC = 2.7 V,
32-kHz crystal
resonator used,
LCD not used
*3 *4
Standby
mode
current
consump-
tion
ISTBY
VCC
—
0.3
—
µA
VCC = 2.7 V,
Ta = 25
°C,
32-kHz crystal
resonator not used
*1 *3 *4
Reference
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com