Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338024 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 12Page - Renesas Technology Corp HD64338024 Datasheet HTML 13Page - Renesas Technology Corp HD64338024 Datasheet HTML 14Page - Renesas Technology Corp HD64338024 Datasheet HTML 15Page - Renesas Technology Corp HD64338024 Datasheet HTML 16Page - Renesas Technology Corp HD64338024 Datasheet HTML 17Page - Renesas Technology Corp HD64338024 Datasheet HTML 18Page - Renesas Technology Corp HD64338024 Datasheet HTML 19Page - Renesas Technology Corp HD64338024 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xvi of xlii
Item
Page
Revision (See Manual for Details)
6.8.1 Program/
Program-Verify
169
Description amended
4. Consecutively transfer 128 bytes of data in byte units from
the reprogramming data area or additional-programming data
area to the flash memory. The program address and 128-byte
data are latched in the flash memory. The lower 8 bits of the
start address in the flash memory destination area must be H'00
or H'80.
Do not use RTS instruction from data transfer to setting P bit to
1. (This does not apply to the HD64F38124 and HD64F38122.)
7. For a dummy write to a verify address, write 1-byte data
H'FF to an address whose lower 1 bit is b'0. Verify data can be
read in word size from the address to which a dummy write was
performed.
Do not use RTS instruction from dummy write to verify data
read. (This does not apply to the HD64F38124 and
HD64F38122.)
6.8.2 Erase/
Erase-Verify
172
Description amended
5. For a dummy write to a verify address, write 1-byte data
H'FF to an address whose lower 1 bit is b'0. Verify data can be
read in word size from the address to which a dummy write was
performed.
Do not use RTS instruction from dummy write to verify data
read. (This does not apply to the HD64F38124 and
HD64F38122.)
6.10.1 Socket
Adapter
175
Description amended
The socket adapter converts the pin allocation of the
HD64F38024, HD64F38024R, HD64F38124, and HD64F38122
to that of the discrete flash memory HN28F101. The address of
the on-chip flash memory is H'0000 to H'7FFF. Figure 6.12(1)
shows a socket-adapter-pin correspondence diagram of the
HD64F38024 and HD64F38024R. Figure 6.12(2) shows a
socket-adapter-pin correspondence diagram of the
HD64F38124 and HD64F38122.
6.10.2 Programmer
Mode Commands
Figure 6.12(2)
Socket Adapter Pin
Correspondence
Diagram
(HD64F38124,
HD64F38122)
178
Title and figure amended
HD64F38124, HD64F38122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com