Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338024 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD64338024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD64338024 Datasheet HTML 14Page - Renesas Technology Corp HD64338024 Datasheet HTML 15Page - Renesas Technology Corp HD64338024 Datasheet HTML 16Page - Renesas Technology Corp HD64338024 Datasheet HTML 17Page - Renesas Technology Corp HD64338024 Datasheet HTML 18Page - Renesas Technology Corp HD64338024 Datasheet HTML 19Page - Renesas Technology Corp HD64338024 Datasheet HTML 20Page - Renesas Technology Corp HD64338024 Datasheet HTML 21Page - Renesas Technology Corp HD64338024 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xviii of xlii
Item
Page
Revision (See Manual for Details)
9.7.5 Application
Notes
328
Description amended
2. Use a clock with a frequency of up to 16 MHz for input to the
AEVH and AEVL pins, and ensure that the high and low widths
of the clock are at least half the OSC clock cycle duration. The
duty cycle is immaterial.
329
Description amended
Mode
Maximum AEVH/AEVL Pin Input
Clock Frequency
Watch, subactive, subsleep, standby
(
φw/2)
(
φw/4)
φw = 32.768 kHz or 38.4 kHz*
(
φw/8)
1000 kHz
500 kHz
250 kHz
Note:
* Does not apply to H8/38124 Group.
10.2.8 Bit Rate
Register (BRR)
Table 10.3 Examples
of BRR Settings for
Various Bit Rates
(Asynchronous
Mode) (2)
349
Table amended
φ
10 MHz
Bit Rate
(bit/s)
n
N
Error
(%)
110
3
43
0.88
150
3
32
–1.36
200
3
23
1.73
250
3
19
–2.34
300
3
15
1.73
600
3
7
1.73
1200
3
3
1.73
2400
3
1
1.73
4800
3
0
1.73
9600
2
1
1.73
19200
2
0
1.73
31250
0
9
0
38400
0
7
1.73
Notes amended
1. The value set in BRR is given by the following equation:
φ
N =
(32 • 2
2n • B)
– 1
where
B: Bit rate (bit/s)
N: Baud rate generator BRR setting (0
≤ N ≤ 255)
φ: System clock frequency
n: Baud rate generator input clock number (n = 0, 2, or 3)
(The relation between n and the clock is shown in table 10.4.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com