Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74333PDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74333PDBVR
Description  TLV743P 300-mA, Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV74333PDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV74333PDBVR Datasheet HTML 7Page - Texas Instruments TLV74333PDBVR Datasheet HTML 8Page - Texas Instruments TLV74333PDBVR Datasheet HTML 9Page - Texas Instruments TLV74333PDBVR Datasheet HTML 10Page - Texas Instruments TLV74333PDBVR Datasheet HTML 11Page - Texas Instruments TLV74333PDBVR Datasheet HTML 12Page - Texas Instruments TLV74333PDBVR Datasheet HTML 13Page - Texas Instruments TLV74333PDBVR Datasheet HTML 14Page - Texas Instruments TLV74333PDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
VOUT (1 V/div,
AC Coupled)
Time (20 µs/div)
VIN (2 V/div)
VOUT (1 V/div,
AC Coupled)
Time (20 µs/div)
VIN (2 V/div)
Frequency (Hz)
0.005
0.01
0.1
1
10
10
100
1k
10k
100k
1M
D016
VOUT = 1 V
VOUT = 1.8 V
VOUT = 3.3 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
10
100
1k
10k
100k
1M
D017
1- F Output Capacitor
µ
Output Current (mA)
150
200
250
300
350
400
450
500
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
D021
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Output Current (mA)
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
3.5
D022
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
11
TLV743P
www.ti.com
SBVS310C – JULY 2017 – REVISED JUNE 2019
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV74318PDBV
Figure 19. 1.8-V Foldback Current Limit vs
IOUT and Temperature
TLV74333PDBV
Figure 20. 3.3-V Foldback Current Limit vs
IOUT and Temperature
IOUT = 300 mA
Figure 21. Power-Supply Rejection Ratio vs Frequency
IOUT = 300 mA
Figure 22. Output Spectral Noise Density
TLV74318PDBV, IOUT = 10 mA, 1-µF output capacitor
Figure 23. Line Transient
TLV74318PDBV
IOUT = 300 mA
1-µF output
capacitor
Figure 24. Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com