Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV74333PDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74333PDBVR
Description  TLV743P 300-mA, Low-Dropout Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV74333PDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV74333PDBVR Datasheet HTML 13Page - Texas Instruments TLV74333PDBVR Datasheet HTML 14Page - Texas Instruments TLV74333PDBVR Datasheet HTML 15Page - Texas Instruments TLV74333PDBVR Datasheet HTML 16Page - Texas Instruments TLV74333PDBVR Datasheet HTML 17Page - Texas Instruments TLV74333PDBVR Datasheet HTML 18Page - Texas Instruments TLV74333PDBVR Datasheet HTML 19Page - Texas Instruments TLV74333PDBVR Datasheet HTML 20Page - Texas Instruments TLV74333PDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Power Dissipation (W)
0
0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27
0.3
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
D028
TLV743P DQN, High-K Layout
TLV743P DBV, High-K Layout
D
IN
OUT
OUT
3
9
± 9
,
u
17
TLV743P
www.ti.com
SBVS310C – JULY 2017 – REVISED JUNE 2019
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Application Information (continued)
8.1.3 Power Dissipation
The ability to remove heat from the die is different for each package type and presents different considerations in
the printed circuit board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to ambient air. Performance data for JEDEC high-K boards are shown in Thermal
Information. Using heavier copper increases the effectiveness in removing heat from the device. The addition of
plated through-holes to heat-dissipating layers also improves heat sink effectiveness.
Power dissipation (PD) depends on input voltage and load conditions. PD is equal to the product of the output
current and voltage drop across the output pass element, as shown in Equation 2.
(2)
Figure 31 shows the maximum ambient temperature versus the power dissipation of the TLV743P device in the
DQN and DBV packages. This figure assumes the device is soldered on JEDEC standard high-K layout with no
airflow over the board. Actual board thermal impedances vary widely. If the application requires high power
dissipation, it is helpful to have a thorough understanding of the board temperature and thermal impedances to
make certain that the TLV743P device does not operate continuously above a junction temperature of 125°C.
TLV743P, high-K layout
Figure 31. Maximum Ambient Temperature vs Device Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com