Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1707TS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 13Page - NXP Semiconductors UBA1707TS Datasheet HTML 14Page - NXP Semiconductors UBA1707TS Datasheet HTML 15Page - NXP Semiconductors UBA1707TS Datasheet HTML 16Page - NXP Semiconductors UBA1707TS Datasheet HTML 17Page - NXP Semiconductors UBA1707TS Datasheet HTML 18Page - NXP Semiconductors UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1999 Feb 17
17
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Table 1
Register description
Note
1. See Section “Automatic gain control (pin AGC; bits RAGC1, RAGC2, SAGC and AGC)”.
BIT
NAME
FUNCTION
POLARITY
DATA
ADDRESS
STATE AT
POWER-UP
RESET
Register 0: general purpose switches state and DC mask regulation mode
SWC1
SWI1 output connection
0: SWI1 switched off
D0
(AD1, AD0) = (0,0)
0
1: SWI1 switched on
SWC2
SWI2 output connection
0: SWI2 switched off
D1
0
1: SWI2 switched on
SWC3
SWI3 output connection
0: SWI3 switched off
D2
0
1: SWI3 switched on
un
unused
must be set to logic 0
D3
0
CRC
current regulation mode
0: voltage regulation
D4
0
1: current regulation
Register 1: automatic gain control
RAGC1
AGC range selection 1
D0
(AD1, AD0) = (0,1)
0
RAGC2
AGC range selection 2
D1
0
SAGC
AGC slope selection
0: 2.7 type slope; note 1
D2
0
1: 1.9 type slope; note 1
AGC
line loss compensation mode
0: AGC inhibited
D3
0
1: AGC enabled
Register 2: loudspeaker channel
LSA1
loudspeaker channel input 1
selection
0: LSAI1 unselected
D0
(AD1, AD0) = (1,0)
0
1: LSAI1 selected
LSA2
loudspeaker channel input 2
selection
0: LSAI2 unselected
D1
0
1: LSAI2 selected
LSPD
loudspeaker channel power-down
0: channel on
D2
0
1: channel in power-down
VOL0
volume control (least significant bit)
D3
0
VOL1
volume control
D4
0
VOL2
volume control (most significant bit)
D5
0
Register 3: mute functions and power-down
AXM
auxiliary amplifier mute
0: amplifier enabled
D0
(AD1, AD0) = (1,1)
0
1: amplifier muted
RXM
receive amplifier mute
0: amplifier enabled
D1
0
1: amplifier muted
PD
reduced consumption mode
0: normal operating mode
D2
1
1: power-down mode
DLCI
dynamic limiter inhibit
0: limiter enabled
D3
0
1: limiter inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com