Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1707TS Datasheet(PDF) 25 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors UBA1707TS Datasheet HTML 27Page - NXP Semiconductors UBA1707TS Datasheet HTML 28Page - NXP Semiconductors UBA1707TS Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
1999 Feb 17
25
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Dynamic limiter
tatt
attack time
VCC = 3 V; Gv(LSA) =28dB
when VLSAI jumps from
20 mV (RMS) to
20 mV (RMS) + 10 dB;
bit DLCI = 0
−−
5ms
when VCC drops below
2.7 V; bit DLCI = don’t
care
−
1
−
ms
trel
release time
VCC = 3 V; Gv(LSA) = 28 dB;
when VLSAI jumps from
20 mV (RMS) + 10 dB to
20 mV (RMS); bit DLCI = 0
−
250
−
ms
THD
total harmonic distortion at
VLSAI = 20 mV (RMS) + 10 dB
VCC =3V; Gv(LSA) = 28 dB;
t>tatt
−
0.5
5
%
Volume control
∆Gv(LSA)
voltage gain adjustment range bits (VOL0, VOL1, VOL2)
from (0, 0, 0) to (1, 1, 1)
−
21
−
dB
∆G
v(LSA)(s)
voltage gain adjustment step
VOL0 from 0 to 1
−
3
−
dB
Switches (pins SWI1, SWI2 and SWI3; bits SWC1, SWC2 and SWC3)
Zi(off)
AC impedance between pins
SWIn and GND when not
selected
bit SWCn = 0
700
−−
k
Ω
Z
i(on)
AC impedance between pins
SWIn and GND when selected
2mA<ISWIn < 20 mA;
bit SWCn = 1
−−
30
Ω
Serial interface (pins DATA, CLK and EN)
VIH
HIGH-level input voltage
2.3
−
VCC + 0.4 V
VIL
LOW-level input voltage
VCC = 3 to 5.5 V
GND
− 0.4 −
0.3VCC
V
Ibias
input bias current
input level = HIGH
1
2
5
µA
Ci
input capacitance at pins
DATA, CLK and EN
−
4
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com