Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1707TS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors UBA1707TS Datasheet HTML 27Page - NXP Semiconductors UBA1707TS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
1999 Feb 17
24
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
LOUDSPEAKER CHANNEL (PINS LSAI1, LSAI2, LSAO, DLC AND LSPGND;
BITS
LSA1, LSA2, LSPD, VOL0, VOL1, VOL2 AND DLCI)
Loudspeaker amplifier
Zi
input impedance between pins
LSAI1 or LSAI2 and GND
bits LSA1 = 1, LSA2 = 1
−
21
−
k
Ω
Gv(LSA)
voltage gain from LSAI1 or
LSAI2 to LSAO for maximum
volume
VLSAI = 8 mV (RMS);
bits LSA1 = 1, LSA2 = 1
26.5
28
29.5
dB
∆Gv(LSA)(f)
voltage gain variation with
frequency referenced to 1 kHz
VLSAI = 8 mV (RMS);
f = 300 to 3400 Hz
−±0.3
−
dB
∆G
v(LSA)(T)
voltage gain variation with
temperature referenced to
25
°C
Tamb = −25 to +75 °C
−±0.3
−
dB
VLSAI(rms)
maximum input voltage
between pins LSAI1 or
LSAI2 and GND (RMS value)
VCC = 5.0 V; Gv(LSA) = 7 dB;
for 2% of THD in input stage
−
500
−
mV
Vno(LSAO)(rms) noise output voltage at
pin LSAO (RMS value)
pin LSAI1 (with bits
LSA1 = 1, LSA2 = 0) or pin
LSAI2 (with bits LSA1 = 0,
LSA2 = 1) connected to pin
GND through 200
Ω in series
with 10
µF;
psophometrically weighted
(P53 curve)
−−80
−
dBVp
Output capability
VLSAO(p-p)
output voltage capability at pin
LSAO (peak-to-peak value)
VCC = 5.0 V;
Gv(LSA) = 28 dB;
VLSAI = 100 mV (RMS);
RL =16 Ω
3.0
3.6
−
V
VCC = 3.3 V;
Gv(LSA) = 28 dB;
VLSAI = 100 mV (RMS);
RL =8 Ω
−
2.0
−
V
I
LSAO(max)
maximum current capability at
pin LSAO (peak value)
150
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com