Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1707TS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors UBA1707TS Datasheet HTML 27Page - NXP Semiconductors UBA1707TS Datasheet HTML 28Page - NXP Semiconductors UBA1707TS Datasheet HTML 29Page - NXP Semiconductors UBA1707TS Datasheet HTML 30Page - NXP Semiconductors UBA1707TS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGK717
LN
SWI3
GND
SWI1
EHI
SWI2
222
20
19
21
11
DATA
12
EN
13
CLK
14
RXI
10
RXO
8
LCC
CST
REG
LVI
67
4
3
AGC
9
RGL
5
LSPGND
123
TXI
+
18
TXI
−
17
VCC
ICC
25
AXI
15
DLC
28
AXO
16
LSAI2
27
LSAI1
26
LSAO
24
from
microcontroller
UBA1707
CRXI
220 nF
VRXI
CLVI
470 pF
Cline
100
µF
CEMC
10 nF
CREG
4.7
µF
CLSAO
220
µF
RLVI
1 M
Ω
RRGL
7.15 k
Ω
SLPE
RSLPE
10
Ω
RLSAO
16
Ω
ZSET
619
Ω
Zline
600
Ω
CAXI
CDLC
1
µF
CLSAI2
220 nF
220 nF
CCST
22 pF
CLSAI1
VAXI
VLSAI2
VLSAI1
220 nF
TNON-HOOK
MPSA42
TPDARL
MPSA92
100 k
Ω
RON-HOOK
DPROT
1N4148
RPLD
20 k
Ω
DSW
1N4148
TNSW
BUX86
VVCC
VLN
Iline
VTXI
CVCC
10
µF
CLCC
6.8 pF
Fig.17 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com