Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA1707TS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 18Page - NXP Semiconductors UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1999 Feb 17
22
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Electronic hook-switch control (pin EHI)
VIH
HIGH-level input voltage
2.3
−
VCC + 0.4 V
VIL
LOW-level input voltage
VCC = 3.0 to 5.5 V
GND
− 0.4 −
0.3VCC
V
Ibias
input bias current
input level = HIGH
1
2
5
µA
Transmit amplifier (pins TXI+, TXI
− and LN)
Z
i
input impedance
between pins TXI+ and GND
or TXI
− and GND
−
21
−
k
Ω
between pins TXI+ and TXI
−−
36
−
k
Ω
Gv(TX)
voltage gain from TXI+/TXI
−
to LN
VTXI = 50 mV (RMS)
10.6
11.6
12.6
dB
∆G
v(TX)(f)
voltage gain variation with
frequency referenced to 1 kHz
f = 300 to 3400 Hz
−±0.3
−
dB
∆G
v(TX)(T)
voltage gain variation with
temperature referenced to
25
°C
Tamb = −25 to +75 °C
−±0.3
−
dB
CMRR
common mode rejection ratio
−
65
−
dB
PSRR
power supply rejection ratio
−
36
−
dB
VLN(max)(rms)
maximum sending signal
(RMS value)
Iline = 15 mA; THD = 2%
1.2
1.4
−
V
Iline = 4 mA; THD = 10%
−
0.26
−
V
ViTX(max)(rms)
maximum transmit input
voltage (RMS value) for
2% THD on pin LN
Iline =15mA
−
0.35
−
V
Iline =90mA
−
0.75
−
V
Vno(LN)
noise output voltage at pin LN
pins TXI+ and TXI
−
short-circuited through
200
Ω in series with 10 µF;
psophometrically weighted
(P53 curve)
−−74
−
dBmp
Receive amplifier (pins RXI and RXO; bit RXM)
Zi
input impedance between pins
RXI and GND
−
21
−
k
Ω
Gv(RX)
voltage gain from RXI to RXO
VRXI = 2 mV (RMS)
36.9
37.9
38.9
dB
∆G
v(RX)(f)
voltage gain variation with
frequency referenced to 1 kHz
f = 300 to 3400 Hz
−±0.2
−
dB
∆G
v(RX)(T)
voltage gain variation with
temperature referenced to
25
°C
Tamb = −25 to +75 °C
−±0.3
−
dB
PSRR
power supply rejection ratio
−
68
−
dB
THD
total harmonic distortion
VRXI = 2 mV (RMS)
−
0.03
−
%
VRXI = 12.5 mV (RMS)
−
2
−
%
VRXI = 19.5 mV (RMS);
Iline =90mA
−
2
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com