Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42516 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 10Page - Cirrus Logic CS42516 Datasheet HTML 11Page - Cirrus Logic CS42516 Datasheet HTML 12Page - Cirrus Logic CS42516 Datasheet HTML 13Page - Cirrus Logic CS42516 Datasheet HTML 14Page - Cirrus Logic CS42516 Datasheet HTML 15Page - Cirrus Logic CS42516 Datasheet HTML 16Page - Cirrus Logic CS42516 Datasheet HTML 17Page - Cirrus Logic CS42516 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
14
DS583F1
CS42516
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI™ FORMAT
(For CQZ, TA = -10 to +70° C; For DQZ, TA = -40 to +85° C; VA=VARX = 5 V, VD =VLS= 3.3 V; VLC = 1.8 V to
5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VLC, CL =30pF)
Notes:
20. If Fs is lower than 46.875 kHz, the maximum CCLK frequency should be less than 128 Fs. This is
dictated by the timing requirements necessary to access the Channel Status and User Bit buffer
memory. Access to the control register file can be carried out at the full 6 MHz rate. The minimum
allowable input sample rate is 8 kHz, so choosing CCLK to be less than or equal to 1.024 MHz should
be safe for all possible conditions.
21. Data must be held for sufficient time to bridge the transition time of CCLK.
22. For fsck <1 MHz.
Parameter
Symbol
Min
Typ
Max
Units
CCLK Clock Frequency
(Note 20)
fsck
0-
6.0
MHz
CS High Time Between Transmissions
tcsh
1.0
-
-
µs
CS Falling to CCLK Edge
tcss
20
-
-
ns
CCLK Low Time
tscl
66
-
-
ns
CCLK High Time
tsch
66
-
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
-
ns
CCLK Rising to DATA Hold Time
(Note 21)
tdh
15
-
-
ns
CCLK Falling to CDOUT Stable
tpd
--
50
ns
Rise Time of CDOUT
tr1
--
25
ns
Fall Time of CDOUT
tf1
--
25
ns
Rise Time of CCLK and CDIN
(Note 22)
tr2
-
-
100
ns
Fall Time of CCLK and CDIN
(Note 22)
tf2
-
-
100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 4. Control Port Timing - SPI Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com