Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42516 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 27Page - Cirrus Logic CS42516 Datasheet HTML 28Page - Cirrus Logic CS42516 Datasheet HTML 29Page - Cirrus Logic CS42516 Datasheet HTML 30Page - Cirrus Logic CS42516 Datasheet HTML 31Page - Cirrus Logic CS42516 Datasheet HTML 32Page - Cirrus Logic CS42516 Datasheet HTML 33Page - Cirrus Logic CS42516 Datasheet HTML 34Page - Cirrus Logic CS42516 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
DS583F1
31
CS42516
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
LSB
MSB
20 clks
64 clks
64 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
DAC1
DAC3
DAC5
DAC2
DAC4
DAC6
20 clks
20 clks
20 clks
20 clks
20 clks
Left Channel
Right Channel
20 clks
ADC1
ADC3
ADC5
ADC2
ADC4
ADC6
20 clks
20 clks
20 clks
20 clks
20 clks
CX_SDOUT
SAI_SDOUT
CX_SDIN1
Figure 13. One Line Mode #1 Serial Audio Format
One Line Data Mode #1, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
20
128 Fs
128 Fs
single-speed mode
128 Fs
128 Fs
double-speed mode
CX_LRCK
SAI_LRCK
CX_SCLK
SAI_SCLK
LSB
MSB
24 clks
128 clks
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
MSB
DAC1
DAC3
DAC5
DAC2
DAC4
DAC6
24 clks
24 clks
24 clks
24 clks
24 clks
Left Channel
Right Channel
24 clks
ADC1
ADC3
ADC5
ADC2
ADC4
ADC6
24 clks
24 clks
24 clks
24 clks
24 clks
CX_SDOUT
SAI_SDOUT
128 clks
CX_SDIN1
Figure 14. One Line Mode #2 Serial Audio Format
One Line Data Mode #2, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
24
256 Fs
not supported
single-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com