Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42516 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 20Page - Cirrus Logic CS42516 Datasheet HTML 21Page - Cirrus Logic CS42516 Datasheet HTML 22Page - Cirrus Logic CS42516 Datasheet HTML 23Page - Cirrus Logic CS42516 Datasheet HTML 24Page - Cirrus Logic CS42516 Datasheet HTML 25Page - Cirrus Logic CS42516 Datasheet HTML 26Page - Cirrus Logic CS42516 Datasheet HTML 27Page - Cirrus Logic CS42516 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
24
DS583F1
CS42516
4.4
S/PDIF Receiver
The CS42516 includes an S/PDIF digital audio receiver. The S/PDIF receiver accepts and decodes digital
audio data according to the IEC60958 (S/PDIF), and EIAJ CP-1201 interface standards. The receiver con-
sists of an 8:2 multiplexer input stage driven through pins RXP0 and RXP1/GPO1 - RXP7/GPO7, a PLL
based clock recovery circuit, and a decoder which separates the audio data from the channel status and
user data. A comprehensive buffering scheme provides read access to the channel status and user data.
External components are used to terminate and isolate the incoming data cables from the CS42516. These
components and required circuitry are detailed in the CDB42518.
4.4.1
8:2 S/PDIF Input Multiplexer
The CS42516 contains an 8:2 S/PDIF Input Multiplexer to accommodate up to eight channels of input dig-
ital
audio
data.
Digital
audio
data
is
single-ended
and
input
through
the
RXP0
and
RXP1/GPO1-RXP7/GPO7 pins. Any one of these inputs can be multiplexed to the input of the S/PDIF
receiver and to the S/PDIF output pin TXP.
When any portion of the multiplexer is implemented, unused RXP0 and RXPx/GPOx pins should be tied
to a 0.01uF capacitor to ground. The receiver multiplexer select line control is accessed through bits
RMUX2:0 in the Receiver Mode Control 2 register on page 63. The TXP multiplexer select line control is
accessed through bits TMUX2:0 in the same register. The multiplexer defaults to RXP0 for both functions.
4.4.2
Error Reporting and Hold Function
While decoding the incoming S/PDIF data stream, the CS42516 can identify several kinds of error, indi-
cated in the register “Receiver Errors (address 26h) (Read Only)” on page 67. See “Error Reporting and
Hold Function” on page 74 for more information.
4.4.3
Channel Status Data Handling
The first 2 bytes of the Channel Status block (C data) are decoded into the Receiver Channel Status reg-
ister (See “Receiver Channel Status (address 25h) (Read Only)” on page 66). See “Channel Status Data
Handling” on page 74 for more information.
4.4.4
User Data Handling
The incoming User (U) data is buffered in a user accessible buffer. If the U data bits have been encoded
as Q-channel subcode, the data is decoded and presented in 10 consecutive register locations, address
30h to 39h. The user can configure the Interrupt Mask Register to cause interrupts to indicate the decod-
ing of a new Q-channel block, which may be read through the control port. See “User (U) Data E Buffer
Access” on page 76 for more information.
4.4.5
Non-Audio Auto-Detection
A S/PDIF data stream may be used to convey non-audio data, thus it is important to know whether the
incoming data stream is digital PCM audio samples or not. This information is typically conveyed in chan-
nel status bit 1 (AUDIO), which is extracted automatically by the CS42516. Certain non-audio sources,
however, such as AC-3® or MPEG encoders, may not adhere to this convention, and the bit may not be
properly set. See “Non-Audio Auto-Detection” on page 76 for more information including details for inter-
face format detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com