Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42516 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 40Page - Cirrus Logic CS42516 Datasheet HTML 41Page - Cirrus Logic CS42516 Datasheet HTML 42Page - Cirrus Logic CS42516 Datasheet HTML 43Page - Cirrus Logic CS42516 Datasheet HTML 44Page - Cirrus Logic CS42516 Datasheet HTML 45Page - Cirrus Logic CS42516 Datasheet HTML 46Page - Cirrus Logic CS42516 Datasheet HTML 47Page - Cirrus Logic CS42516 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
44
DS583F1
CS42516
1Fh
RCVR Mode
Ctrl 2
Reserved
TMUX2
TMUX1
TMUX0
Reserved
RMUX2
RMUX1
RMUX0
page 63
default
0
0
0
0
000
0
20h
Interrupt
Status
UNLOCK
Reserved
QCH
DETC
DETU
Reserved
OverFlow
RERR
page 63
default
XX
X
X
X
X
X
X
21h
Interrupt
Mask
UNLOCKM
Reserved
QCHM
DETCM
DETUM
Reserved
OverFlowM
RERRM
page 64
default
0
0
0
0
000
0
22h
Interrupt
Mode MSB
UNLOCK1
Reserved
QCH1
DETC1
DETU1
Reserved
OF1
RERR1
page 65
default
0
0
0
0
000
0
23h
Interrupt
Mode LSB
UNLOCK0
Reserved
QCH0
DETC0
DETU0
Reserved
OF0
RERR0
page 65
default
0
0
0
0
000
0
24h
Buffer Ctrl
LOCKM1
LOCKM0
Reserved
Reserved
Reserved
BSEL
CAM
CHS
page 65
default
0
1
0
0
000
0
25h
RCVR CS
Data.
AUX3
AUX2
AUX1
AUX0
PRO
AUDIO
COPY
ORIG
page 66.
default
0
0
0
0
000
0
26h
RCVR
Errors
Reserved
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR
page 67
default
0
0
0
0
000
0
27h
RCVR
Errors Mask
Reserved
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
page 68
default
0
0
0
0
000
0
28h
MUTEC
Reserved
Reserved
MCPolarity
M_AOUTA1
M_AOUTB1
M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
Reserved
page 69
default
0
0
0
1
111
1
29h
RXP7/GPO
7
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
0
0
0
0
000
0
2Ah
RXP6/GPO
6
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
0
0
0
0
000
0
2Bh
RXP5/GPO
5
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
0
0
0
0
000
0
2Ch
RXP4/GPO
4
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
0
0
0
0
000
0
2Dh
RXP3/GPO
3
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
page 69
default
0
0
0
0
000
0
Addr Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com