Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42516 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 12Page - Cirrus Logic CS42516 Datasheet HTML 13Page - Cirrus Logic CS42516 Datasheet HTML 14Page - Cirrus Logic CS42516 Datasheet HTML 15Page - Cirrus Logic CS42516 Datasheet HTML 16Page - Cirrus Logic CS42516 Datasheet HTML 17Page - Cirrus Logic CS42516 Datasheet HTML 18Page - Cirrus Logic CS42516 Datasheet HTML 19Page - Cirrus Logic CS42516 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
16
DS583F1
CS42516
DIGITAL INTERFACE CHARACTERISTICS
(For CQZ, TA = +25° C; For DQZ, TA = -40 to +85° C)
Notes:
27. Serial Port signals include: RMCK, OMCK, SAI_SCLK, SAI_LRCK, SAI_SDOUT, CX_SCLK,
CX_LRCK, CX_SDOUT, CX_SDIN1-3, ADCIN1/2
Control Port signals include: SCL/CCLK, SDA/CDOUT, AD0/CS, AD1/CDIN, INT, RST
S/PDIF-GPO Interface signals include: RXP0, RXP/GPO[1:7]
28. When operating RMCK above 24.576 MHz, limit the loading on the signal to 1 CMOS load.
Parameters (Note 27)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Serial Port
Control Port
VIH
0.7xVLS
0.7xVLC
-
-
-
-
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
-
-
-
-
0.2xVLS
0.2xVLC
V
V
High-Level Output Voltage at Io=2 mA
(Note 28)Serial Port
Control Port
MUTEC, GPOx
TXP
VOH
VLS-1.0
VLC-1.0
VA-1.0
VD-1.0
-
-
-
-
-
-
-
-
V
V
V
V
Low-Level Output Voltage at Io=2 mA
(Note 28)
Serial Port, Control Port, MUTEC, GPOx,TXP
VOL
--
0.4
V
Input Sensitivity, RXP[7:0]
VTH
-150
200
mVpp
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-8
-
pF
MUTEC Drive Current
-3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com