Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 60Page - Cirrus Logic CS42528 Datasheet HTML 61Page - Cirrus Logic CS42528 Datasheet HTML 62Page - Cirrus Logic CS42528 Datasheet HTML 63Page - Cirrus Logic CS42528 Datasheet HTML 64Page - Cirrus Logic CS42528 Datasheet HTML 65Page - Cirrus Logic CS42528 Datasheet HTML 66Page - Cirrus Logic CS42528 Datasheet HTML 67Page - Cirrus Logic CS42528 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
64
DS586F1
CS42528
6.20.1 PLL UNLOCK (UNLOCK)
Default = 0
Function:
PLL unlock status bit. This bit will go high if the PLL becomes unlocked.
6.20.2 NEW Q-SUBCODE BLOCK (QCH)
Default = 0
Function:
Indicates when the Q-Subcode block has changed.
6.20.3 D TO E C-BUFFER TRANSFER (DETC)
Default = 0
Function:
Indicates when the channel status buffer has changed.
6.20.4 D TO E U-BUFFER TRANSFER (DETU)
Default = 0
Function:
Indicates when the user status buffer has changed.
6.20.5 ADC OVERFLOW (OVERFLOW)
Default = 0
Function:
Indicates that there is an over-range condition anywhere in the CS42528 ADC signal path.
6.20.6 RECEIVER ERROR (RERR)
Default = 0
Function:
Indicates that a receiver error has occurred. The register “Receiver Errors (address 26h) (Read Only)”
on page 67 may be read to determine the nature of the error which caused the interrupt.
6.21
Interrupt Mask (address 21h)
Default = 00000000
Function:
The bits of this register serve as a mask for the interrupt sources found in the register “Interrupt Status
(address 20h) (Read Only)” on page 63. If a mask bit is set to 1, the error is unmasked, meaning that
its occurrence will affect the INT pin and the status register. If a mask bit is set to 0, the error is
masked, meaning that its occurrence will not affect the INT pin or the status register. The bit positions
align with the corresponding bits in the Interrupt Status register.
76
543
21
0
UNLOCKM
Reserved
QCHM
DETCM
DETUM
Reserved
OverFlowM
RERRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com