Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 16Page - Cirrus Logic CS42528 Datasheet HTML 17Page - Cirrus Logic CS42528 Datasheet HTML 18Page - Cirrus Logic CS42528 Datasheet HTML 19Page - Cirrus Logic CS42528 Datasheet HTML 20Page - Cirrus Logic CS42528 Datasheet HTML 21Page - Cirrus Logic CS42528 Datasheet HTML 22Page - Cirrus Logic CS42528 Datasheet HTML 23Page - Cirrus Logic CS42528 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
20
DS586F1
CS42528
3. TYPICAL CONNECTION DIAGRAM
VD
AO UT A1 +
24
0.1 µ F
+
10 µ F
100 µ F
0.1 µ F
+
+
17
18
VQ
FIL T +
36
37
0.1 µF
4.7 µ F
VA
+
10 µ F
51
AO UT A1 -
AO UT B1 +
35
34
AO UT B1 -
AO UT A2 +
32
33
AO UT A2 -
AO UT B2 +
31
30
AO UT B2 -
AO UT A3 +
28
29
AO UT A3 -
AO UT B3 +
27
26
AO UT B3 -
AO UT A4 +
22
23
AO UT A4 -
AO UT B4 +
21
20
AO UT B4 -
MU T E C
38
25
DG N D DG ND
5
RE F G ND
19
41
4
VA
VD
0.1 µ F
AG N D
AGN D
52
40
LP F L T
39
AINL +
AINL -
AINR +
AINR-
15
16
14
13
C o nn ec t D G N D and A G N D at single poin t near C odec
0.01 µ F
0.1 µ F
+
10 µ F
+5 V
0.01 µ F
0.01 µ F
+ 3.3 V to + 5 V
+
10 µ F
0.1 µ F
0.01 µ F
VL S
0.1 µ F
+2.5 V
to + 5 V
53
VLC
0.1 µ F
+1.8 V
to + 5 V
6
3
60
59
62
1
64
61
2
63
8
7
SC L/CC L K
SDA/CD O U T
AD 1 /C D IN
RS T
12
9
OM C K
C X _ S DIN1
S A I_LR C K
SA I_ S C L K
C X _ S DIN3
CX _S DIN2
CX _S DIN4
C X _LR C K
CX_ S C L K
AD 0 /C S
10
IN T
11
D ig ita l A u dio
P rocessor
Mic ro -
C ontro lle r
55
RM CK
58
A D CIN1
57
A D CIN2
C S 5361
A/D Co n v erte r
C S 5361
A /D C onverte r
56
CX_ S D O UT
54
SAI_ S DO U T
48
46
49
44
45
47
RX P0
R XP1 /G PO 1
S/PD IF
In te rfa c e
50
TX P
Drive r
U p to 8
S ources
43
R XP2 /G PO 2
R XP3 /G PO 3
R XP4 /G PO 4
R XP5 /G PO 5
R XP6 /G PO 6
R XP7 /G PO 7
42
OS C
A nalog O u tput B u ffer 2
and
M u te C irc uit (optional)
A nalog O u tput B u ffer 2
and
M u te C irc uit (optional)
A nalog O u tput B u ffe r 2
and
M ute C irc uit (optional)
A nalog O u tput B u ffer 2
and
M u te C irc uit (optional)
A nalog O u tput B u ffe r 2
and
M ute C irc uit (optional)
A nalog O u tput B u ffer 2
and
M u te C irc uit (optional)
A nalog O u tput B u ffer 2
and
M u te C irc uit (optional)
A nalog O u tput B u ffe r 2
and
M u te C irc uit (optional)
Mu te
Driv e
(optional)
+V A
*
* P u ll up or do w n a s
re qu ired on startu p if th e
M ute C ontro l is used.
*
2700 pF *
2700 pF *
Left A nalog In pu t
R ight A nalog Inpu
A nalog
Input
Bu ffe r 1
A nalog
Input
Bu ffe r 1
CFIL T 3
RFIL T 3
CRIP 3
2 k
Ω
2 k
Ω
**
**
** R e sistors are re qu ired for
I2C contro l port operation
1. S e e the A D C Inp ut F ilter se ction in th e A p pe nd ix.
2. S e e the D A C O u tput F ilter se ction in th e A ppendix.
3. S e e the P LL F ilter sectio n in the A ppendix.
Figure 5. Typical Connection Diagram
CS42528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com