Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 13Page - Cirrus Logic CS42528 Datasheet HTML 14Page - Cirrus Logic CS42528 Datasheet HTML 15Page - Cirrus Logic CS42528 Datasheet HTML 16Page - Cirrus Logic CS42528 Datasheet HTML 17Page - Cirrus Logic CS42528 Datasheet HTML 18Page - Cirrus Logic CS42528 Datasheet HTML 19Page - Cirrus Logic CS42528 Datasheet HTML 20Page - Cirrus Logic CS42528 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
DS586F1
17
CS42528
2. PIN DESCRIPTIONS
Pin Name
#
Pin Description
CX_SDIN1
CX_SDIN2
CX_SDIN3
CX_SDIN4
1
64
63
62
Codec Serial Audio Data Input
(Input) - Input for two’s complement serial audio data.
CX_SCLK
2
CODEC Serial Clock (Input/Output)
- Serial clock for the CODEC serial audio interface.
CX_LRCK
3
CODEC Left Right Clock
(Input/Output) - Determines which channel, Left or Right, is currently active on
the CODEC serial audio data line.
VD
4
51
Digital Power
(Input) - Positive power supply for the digital section.
DGND
5
52
Digital Ground
(Input) - Ground reference. Should be connected to digital ground.
VLC
6
Control Port Power
(Input) - Determines the required signal level for the control port.
SCL/CCLK
7
Serial Control Port Clock
(Input) - Serial clock for the serial control port. Requires an external pull-up
resistor to the logic interface voltage in I²C mode as shown in the Typical Connection Diagram.
SDA/CDOUT
8
Serial Control Data
(Input/Output) - SDA is a data I/O line in I²C mode and requires an external pull-up
resistor to the logic interface voltage, as shown in the Typical Connection Diagram. CDOUT is the output
data line for the control port interface in SPI mode.
AD1/CDIN
9
Address Bit 1 (I²C)/Serial Control Data (SPI)
(Input) - AD1 is a chip address pin in I²C mode; CDIN is
the input data line for the control port interface in SPI mode.
AD0/CS
10
Address Bit 0 (I²C)/Control Port Chip Select (SPI) (Input
) - AD0 is a chip address pin in I²C mode; CS
is the chip select signal in SPI mode.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21
22 23 24 25 26 27 28 29 30 31 32
64
63 62 61 60
59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
CX_SDIN1
VD
DG ND
VLC
SC L/CCLK
SD A/C DO U T
AD 1/CDIN
AD 0/C S
IN T
RST
AIN R-
AINR+
AIN L+
AIN L-
AO U TA2-
AO UT B1-
AO U T B1+
AO U T A1+
AO U TA1-
MU TEC
AG ND
VAR X
RX P7/G PO 7
RX P6/G PO 6
RX P5/G PO 5
RX P4/G PO 4
RX P3/G PO 3
RX P2/G PO 2
RX P1/G PO 1
LPFLT
CX_LRCK
CX_SCLK
CS42528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com