Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 71Page - Cirrus Logic CS42528 Datasheet HTML 72Page - Cirrus Logic CS42528 Datasheet HTML 73Page - Cirrus Logic CS42528 Datasheet HTML 74Page - Cirrus Logic CS42528 Datasheet HTML 75Page - Cirrus Logic CS42528 Datasheet HTML 76Page - Cirrus Logic CS42528 Datasheet HTML 77Page - Cirrus Logic CS42528 Datasheet HTML 78Page - Cirrus Logic CS42528 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
DS586F1
75
CS42528
9.2.1
Channel Status Data E Buffer Access
The user can monitor the incoming Channel Status data by reading the E buffer, which is mapped into the
register space of the CS42528 through the control port Data Buffer. The Data Buffer must first be config-
ured to point to the address space of the C data. This is accomplished by setting the BSEL bit to ‘0’ in the
register “Channel Status Data Buffer Control (address 24h)” on page 65.
The user can configure the Interrupt Mask Register to cause an interrupt whenever any data-bit changes
are detected when D to E Channel Status buffer transfers occur. If no data bits have changed within the
current transfer of data from D to E, no interrupt will be generated. This allows determination of the ac-
ceptable time periods to interact with the E buffer. See “Interrupt Mask (address 21h)” on page 64 for more
details.
The E buffer is organized as 24 x 16-bit words. For each word the MS Byte is the A channel data, and the
LS Byte is the B channel data (see Figure 26). There are two methods of accessing this memory, known
as One-Byte Mode and Two-Byte Mode. The desired mode is selected by setting the CAM bit in the Chan-
nel Status Data Buffer Control Register.
9.2.1.1
One-Byte Mode
In many applications, the channel status blocks for the A and B channels will be identical. In this situation,
the user may read a byte from one of the channel's blocks since the corresponding byte for the other chan-
nel will likely be the same. One-Byte Mode takes advantage of the often identical nature of A and B channel
status data. When reading data in One-Byte Mode, a single byte is returned, which can be from channel A
or B data, depending on a register control bit.
One-Byte Mode saves the user substantial control port access time, as it effectively accesses two bytes
worth of information in 1 byte's worth of access time. If the control port's auto-increment addressing is used
in combination with this mode, multi-byte accesses, such as full-block reads, can be done especially effi-
ciently.
9.2.1.2
Two-Byte Mode
There are those applications in which the A and B channel status blocks will not be the same, and the user
is interested in accessing both blocks. In these situations, Two-Byte Mode should be used to access the
E buffer.
In this mode, a read will cause the CS42528 to output two bytes from its control port. The first byte out will
represent the A channel status data, and the second byte will represent the B channel status data.
Control Port
From
S/PDIF
Receiver
E
24
words
8-bits
8-bits
AB
D
Received
Data
Buffer
Figure 26. Channel Status Data Buffer Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com