Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42528 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 24Page - Cirrus Logic CS42528 Datasheet HTML 25Page - Cirrus Logic CS42528 Datasheet HTML 26Page - Cirrus Logic CS42528 Datasheet HTML 27Page - Cirrus Logic CS42528 Datasheet HTML 28Page - Cirrus Logic CS42528 Datasheet HTML 29Page - Cirrus Logic CS42528 Datasheet HTML 30Page - Cirrus Logic CS42528 Datasheet HTML 31Page - Cirrus Logic CS42528 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
28
DS586F1
CS42528
Serial Inputs / Outputs
CX_SDIN1
left channel
right channel
One-Line Mode
DAC #1
DAC #2
DAC channels 1,2,3,4,5,6
CX_SDIN2
left channel
right channel
One-Line Mode
DAC #3
DAC #4
not used
CX_SDIN3
left channel
right channel
One-Line Mode
DAC #5
DAC #6
not used
CX_SDIN4
left channel
right channel
One-Line Mode
DAC #7
DAC #8
DAC channels 7,8
CX_SDOUT
left channel
right channel
One-Line Mode
ADC #1
ADC #2
ADC channels 1,2,3,4,5,6
SAI_SDOUT
left channel
right channel
One-Line Mode
S/PDIF Left or ADC #1
S/PDIF Right or ADC #2
ADC channels 1,2,3,4,5,6
ADCIN1
left channel
right channel
External ADC #3
External ADC #4
ADCIN2
left channel
right channel
External ADC #5
External ADC #6
Table 4. Serial Audio Port Channel Allocations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com