Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc PM5366 Datasheet HTML 20Page - PMC-Sierra, Inc PM5366 Datasheet HTML 21Page - PMC-Sierra, Inc PM5366 Datasheet HTML 22Page - PMC-Sierra, Inc PM5366 Datasheet HTML 23Page - PMC-Sierra, Inc PM5366 Datasheet HTML 24Page - PMC-Sierra, Inc PM5366 Datasheet HTML 25Page - PMC-Sierra, Inc PM5366 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
10
DS2 Framer Section:
• Frames to a DS2 (ANSI T1.107 section 8) signal with a maximum average
reframe time of less than 7 ms (as required by TR-TSY-000009 Section 4.1.2
and TR-TSY-000191 Section 5.2).
• Detects the DS2 alarm indication signal (AIS) in 9.9 ms in the presence of a 10-3
bit error rate.
• Extracts the DS2 X-bit remote alarm indication (RAI) bit and indicates far end
receive failure (FERF). The far end receive failure status only changes when the
associated bit has been in the same state for two consecutive frames. The
status is buffered for six M-frames, ensuring a better than 99.9% chance of
freezing the correct status for the duration of the out of frame occurrence.
• Accumulates up to 255 DS2 M-bit or F-bit error events per second.
DS2 Transmitter Section:
• Generates the required X, F, and M bits into the transmitted DS2 bit stream.
Allows inversion of inserted F or M bits for diagnostic purposes.
• Provides for transmission of far end receive failure (FERF) and alarm indication
signal (AIS) under microprocessor control.
• Provides optional automatic insertion of far end receive failure (FERF) on
detection of out of frame (OOF), alarm indication signal (AIS) or red alarm
condition.
M12 Multiplexer Section:
• Multiplexes four DS1 or three 2048 kbit/s (according to ITU-T Rec. G.747) bit
streams into a single M12 format DS2 bit stream.
• Performs required bit stuffing including generation and interpretation of C-bits.
• Includes required FIFO buffers for rate adaptation in the multiplex path.
• Performs required inversion of second and fourth multiplexed DS1 streams as
required by ANSI T1.107 Section 7.2.
• Allows insertion and detection of per DS1 payload loopback requests encoded in
the C-bits to be activated under microprocessor control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com