Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 89Page - PMC-Sierra, Inc PM5366 Datasheet HTML 90Page - PMC-Sierra, Inc PM5366 Datasheet HTML 91Page - PMC-Sierra, Inc PM5366 Datasheet HTML 92Page - PMC-Sierra, Inc PM5366 Datasheet HTML 93Page - PMC-Sierra, Inc PM5366 Datasheet HTML 94Page - PMC-Sierra, Inc PM5366 Datasheet HTML 95Page - PMC-Sierra, Inc PM5366 Datasheet HTML 96Page - PMC-Sierra, Inc PM5366 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
81
assert LOF, the counter will integrate up when the framer asserts an Out of
Frame condition and integrates down when the framer de-asserts the Out of
Frame condition. Once an LOF is asserted, the framer must not assert OOF for
the entire integration period before LOF is deasserted.
Valid X-bits are extracted by the DS3-FRMR to provide indication of far end
receive failure (FERF). A FERF defect is detected if the extracted X-bits are
equal and are logic 0 (X1=X2=0); the defect is removed if the extracted X-bits are
equal and are logic 1 (X1=X2=1). If the X-bits are not equal, the FERF status
remains in its previous state. The extracted FERF status is buffered for 2 M-
frames before being reported within the DS3 FRMR Status register. This buffer
ensures a better than 99.99% chance of freezing the FERF status on a correct
value during the occurrence of an out of frame.
When the C-bit parity application is enabled, both the far end alarm and control
(FEAC) channel and the path maintenance data link are extracted. Codes in the
FEAC channel are detected by the Bit Oriented Code Detector (RBOC). HDLC
messages in the Path Maintenance Data Link are received by the Data Link
Receiver (RDLC).
The DS3-FRMR can be enabled to automatically assert the RAI indication in the
outgoing transmit stream upon detection of any combination of LOS, OOF or
RED, or AIS. The DS3-FRMR can also be enabled to automatically insert C-bit
Parity FEBE upon detection of receive C-bit parity error.
The DS3-FRMR may be configured to generate interrupts on error events or
status changes. All sources of interrupts can be masked or acknowledged via
internal registers. Internal registers are also used to configure the DS3-FRMR.
Access to these registers is via a generic microprocessor bus.
9.10 DS3 Bit Oriented Code Detection
The presence of 63 of the possible 64 bit oriented codes transmitted in the T1
Facility Data Link channel in ESF framing format is detected, as defined in ANSI
T1.403 and in TR-TSY-000194 or in the DS3 C-bit parity far-end alarm and
control (FEAC) channel. The 64
Th code (111111) is similar to the HDLC flag
sequence and is used to indicate no valid code received.
Bit oriented codes are received on the Facility Data Link channel or FEAC
channel as a 16-bit sequence consisting of 8 ones, a zero, 6 code bits, and a
trailing zero (111111110xxxxxx0). BOCs are validated when repeated at least 10
times. The receiver can be enabled to declare a received code valid if it has
been observed for 8 out of 10 times or for 4 out of 5 times, as specified by the
AVC context bit. The code is declared removed if two code sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com