Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 48Page - PMC-Sierra, Inc PM5366 Datasheet HTML 49Page - PMC-Sierra, Inc PM5366 Datasheet HTML 50Page - PMC-Sierra, Inc PM5366 Datasheet HTML 51Page - PMC-Sierra, Inc PM5366 Datasheet HTML 52Page - PMC-Sierra, Inc PM5366 Datasheet HTML 53Page - PMC-Sierra, Inc PM5366 Datasheet HTML 54Page - PMC-Sierra, Inc PM5366 Datasheet HTML 55Page - PMC-Sierra, Inc PM5366 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
40
Pin Name
Type
Pin
No.
Function
LADATA[0]
LADATA[1]
LADATA[2]
LADATA[3]
LADATA[4]
LADATA[5]
LADATA[6]
LADATA[7]
Output
Tristate
W14
Y13
AA13
AB13
W13
AA12
W12
W11
Line Add Bus Data (LADATA[7:0]). The add bus data
contains the SONET transmit payload data in byte
serial format. All transport overhead bytes are set to
00h. The phase relation of the SPE (VC) to the
transport frame is determined by the Add Bus
composite timing signal LAC1J1V1 and is software
programmable to any valid pointer offset. LADATA[7] is
the most significant bit (corresponding to bit 1 of each
serial word, the first bit to be transmitted).
By default, LADATA[7:0] is only asserted during the
SONET/SDH tributaries assigned to this device as
determined by the LAOE bit in the TTMP Tributary
Control registers. As options, LADATA[7:0] can be
driven during transport overhead, for all bytes of an
STM-1 when configured for 77.76MHz operation or all
the time.
LADATA[7:0] is updated on the rising edge of
LREFCLK.
LADP
Output
Tristate
AB14 Line Add Bus Data Parity (LADP). The Add Bus data
parity signal carries the parity of the outgoing signals.
The parity calculation encompasses the LADATA[7:0]
bus and optionally the LAC1J1V1 and LAPL signals.
LAC1J1V1 and LAPL can be included in the parity
calculation by setting the INCLAC1J1V1 and INCLAPL
register bits in the SONET/SDH Master Egress
Configuration register high, respectively. Odd parity is
selected by setting the LAOP register bit in the same
register high and even parity is selected by setting the
LAOP bit low.
By default, LADP is only asserted during the
SONET/SDH tributaries assigned to this device as
determined by the LAOE bit in the TTMP Tributary
Control registers. As options, LADP can be driven
during transport overhead, for all bytes of an STM-1
when configured for 77.76MHz operation or all the
time.
LADP is updated on the rising edge of LREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com