Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 92Page - PMC-Sierra, Inc PM5366 Datasheet HTML 93Page - PMC-Sierra, Inc PM5366 Datasheet HTML 94Page - PMC-Sierra, Inc PM5366 Datasheet HTML 95Page - PMC-Sierra, Inc PM5366 Datasheet HTML 96Page - PMC-Sierra, Inc PM5366 Datasheet HTML 97Page - PMC-Sierra, Inc PM5366 Datasheet HTML 98Page - PMC-Sierra, Inc PM5366 Datasheet HTML 99Page - PMC-Sierra, Inc PM5366 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
84
A valid pair of P-bits is automatically calculated and inserted by the DS3-TRAN.
When C-bit parity mode is selected, the path parity bits, and far end block error
(FEBE) indications are automatically inserted.
When enabled for C-bit parity operation, the FEAC channel is sourced by the bit-
oriented code transmitter. The path maintenance data link messages are
sourced by the TDPR data link transmitter.
The DS3-TRAN supports diagnostic modes in which it inserts parity or path parity
errors, F-bit framing errors, M-bit framing errors, invalid X or P-bits, line code
violations, or all-zeros.
9.13.1 DS3 Bit Oriented Code Generation
63 of the possible 64 bit oriented codes may be transmitted in the DS3 C-bit
parity Far-End Alarm and Control (FEAC) channel. The 64th code (111111) is
similar to the HDLC Flag sequence and is used to disable transmission of any bit
oriented codes. When transmission is disabled the FEAC channel is set to all
ones.
Bit oriented codes are transmitted on the DS3 Far-End Alarm and Control
channel as a 16-bit sequence consisting of 8 ones, a zero, 6 code bits, and a
trailing zero (111111110xxxxxx0) which is repeated as long as the code is not
111111. The code to be transmitted is programmed by writing to the XBOC code
registers when it is held until the latest code has been transmitted at least 10
times. An interrupt or polling mechanism is used to determine when the most
recent code written the XBOC register is being transmitted and a new code can
be accepted.
9.13.2 DS3 Transmitter Timing Sources
DS3 transmitter timing has three possible sources:
1.
TICLK[3:1] input pins. If the system interface is SBI, then TEMAP-84 is
the SBI bus clock master, and uses the SAJUST_REQ output signal to
issue timing justification requests to the link-layer device. If the system
interface is serial clock and data, TEMAP-84 derives TGAPCLK[3:1]
from TICLK[3:1].)
2.
Integral DS3 clock synthesizer, which generates a gapped DS3 clock
from the CLK52M input pin, in response to SBI bus timing justification
requests from the link-layer device. TEMAP-84 is the SBI bus clock
slave in this mode, and the SBI bus must be the system side option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com