Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 53Page - PMC-Sierra, Inc PM5366 Datasheet HTML 54Page - PMC-Sierra, Inc PM5366 Datasheet HTML 55Page - PMC-Sierra, Inc PM5366 Datasheet HTML 56Page - PMC-Sierra, Inc PM5366 Datasheet HTML 57Page - PMC-Sierra, Inc PM5366 Datasheet HTML 58Page - PMC-Sierra, Inc PM5366 Datasheet HTML 59Page - PMC-Sierra, Inc PM5366 Datasheet HTML 60Page - PMC-Sierra, Inc PM5366 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
45
Pin Name
Type
Pin
No.
Function
RADWESTCK
Input
W9 Remote Alarm Port West Clock (RADWESTCK). The
remote serial alarm port west clock provides timing for
the west remote serial alarm port. It is nominally a
9.72 MHz clock, but can range from 1.344 MHz to
10 MHz.
Inputs RADWESTFP and RADWEST are sampled on
the rising edge of RADWESTCK.
RADWESTFP
Input
Y10 Remote Alarm Port West Frame Pulse
(RADWESTFP). The remote serial alarm port west
frame pulse is used to locate the alarm bits of the
individual tributaries in the west remote serial alarm
port. RADWESTFP is set high to mark the first BIP-2
error bit of tributary TU #1 in TUG2 #1 of TUG3 #1
carried in RADWEST. RADWESTFP must be set high
to mark every occurrence of this bit. TEMAP-84 will
not flywheel on RADWESTFP in order to
accommodate a variety of RADWESTCK frequencies.
RADWESTFP is sampled on the rising edge of
RADWESTCK.
RADWEST
Input
AA10 Remote Alarm Port Data West (RADWEST). The
remote serial alarm port west carries the tributary path
BIP-2 error count, RDI status, and RFI status in the
west remote serial alarm port. The first BIP-2 error bit
of tributary TU #1 in TUG2 #1 of TUG3 #1 on
RADWEST is marked by a high level on RADWESTFP.
The status carried on RADWEST is software
selectable to be reported by the RDI, RFI and REI
alarms and is selectable to be associated with any
tributary on the outgoing data stream LADATA[7:0].
RADWESTFP is sampled on the rising edge of
RADWESTCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com