Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7346 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 39Page - PMC-Sierra, Inc PM7346 Datasheet HTML 40Page - PMC-Sierra, Inc PM7346 Datasheet HTML 41Page - PMC-Sierra, Inc PM7346 Datasheet HTML 42Page - PMC-Sierra, Inc PM7346 Datasheet HTML 43Page - PMC-Sierra, Inc PM7346 Datasheet HTML 44Page - PMC-Sierra, Inc PM7346 Datasheet HTML 45Page - PMC-Sierra, Inc PM7346 Datasheet HTML 46Page - PMC-Sierra, Inc PM7346 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 22
Pin Name
Type
Pin No.
Function
TOHM[4]
TOHM[3]
TOHM[2]
TOHM[1]
Output
A5
D5
E4
F1
Transmit Overhead Mask (TOHM[4:1]).
TOHM[4:1] indicates the position of
overhead bits (non-payload bits) in the
transmission system stream aligned with
TDATO[4:1]. TOHM[4:1] indicates the
location of the M-frame boundary for DS3,
the position of the frame boundary for E3,
and the position of the multi-frame
boundary for J2 when the single-rail
(unipolar) NRZ input format is enabled.
When a PLCP formatted signal is
transmitted, TOHM[4:1] is set to logic 1
once per transmission frame, and
indicates the DS1 or E1 frame alignment.
When a non-PLCP, non-DS3, non-E3, non-
J2 based signal is transmitted, TOHM[4:1]
is a delayed version of the TIOHM[4:1]
input, and indicates the position of each
overhead bit in the transmission frame.
TOHM[4:1] is updated on the falling edge
of TCLK[4:1].
The TNEG/TOHM[4:1] pin function
selection is controlled by the TFRM[1:0]
and the TUNI bits in the S/UNI-QJET
Transmit Configuration Registers. Output
signal polarity control is provided by the
TNEGINV bit in the S/UNI-QJET Transmit
Configuration Registers. Both TNEG[4:1]
and TOHM[4:1] are updated on the falling
edge of TCLK[4:1] by default, and may be
enabled to be updated on the rising edge
of TCLK[4:1]. This sampling is controlled
by the TCLKINV bit in the S/UNI-QJET
Transmit Configuration Registers. Finally,
both TNEG[4:1] and TOHM[4:1] can be
updated on the rising edge of TICLK[4:1],
enabled by the TICLK bit in the
S/UNI-QJET Transmit Configuration
Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com